Electronic Components Datasheet Search
  English  ▼

X  

54HC241 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC241
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC241 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC241 Datasheet HTML 1Page - Silicon Supplies 54HC241 Datasheet HTML 2Page - Silicon Supplies 54HC241 Datasheet HTML 3Page - Silicon Supplies 54HC241 Datasheet HTML 4Page - Silicon Supplies 54HC241 Datasheet HTML 5Page - Silicon Supplies 54HC241 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
www.siliconsupplies.com
High Speed CMOS Logic – 54HC241
Rev 1.0
30/11/21
5. ot production tested in die form, characterized by chip design.
N
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Figure 1 – Propagation Delay - Input 1A or 2A to Output 1Y or 2Y
AC Electrical Characteristics5
Switching Waveforms
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
90
115
135
4.5V
18
23
27
Maximum Propagation
Delay, Input A to
Output Y (Figure 1)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
15
20
23
ns
2.0V
110
140
165
4.5V
22
28
33
Maximum Propagation
Delay, OE & OE
to Output Y
(Figure 2, 3)
tPLZ, tPHZ
6.0V
CL = 50pF,
Input
tr = tf = 6ns
19
24
28
ns
2.0V
110
140
165
4.5V
22
28
33
Maximum Propagation
Delay, OE to Output Y
(Figure 2, 3)
tPZL, tPZH
6.0V
CL = 50pF,
Input
tr = tf = 6ns
19
24
28
ns
2.0V
60
75
90
4.5V
12
15
18
Maximum Output Rise
and Fall Time, Any
Output
(Figure 1)
tTLH, tTHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
10
13
15
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
Maximum 3-State
Ouput Input (High-Z)
COUT
-
-
15
15
15
pF
TYPICAL
Power Dissipation
Capacitance
6
CPD
-
TJ = 25°C,
VCC = 5.0V
34
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com