Electronic Components Datasheet Search
  English  ▼

X  

54HC244 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC244
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC244 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC244 Datasheet HTML 1Page - Silicon Supplies 54HC244 Datasheet HTML 2Page - Silicon Supplies 54HC244 Datasheet HTML 3Page - Silicon Supplies 54HC244 Datasheet HTML 4Page - Silicon Supplies 54HC244 Datasheet HTML 5Page - Silicon Supplies 54HC244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 54HC244
Rev 1.1
01/05/18
PAD
FUNCTION
1
ENABLE A
2
A1
3
YB4
4
A2
5
YB3
6
A3
7
YB2
8
A4
9
YB1
10
GND
11
B1
12
YA4
13
B2
14
YA3
15
B3
16
YA2
17
B4
18
YA1
19
ENABLE B
20
VCC
CONNECT CHIP BACK TO VCC OR FLOAT
 
Pad Layout and Functions
Truth Table
Logic Diagram
INPUTS
OUTPUTS
ENABLE A
ENABLE B
A, B
YA, YB
L
L
H
L
H
X
L
H
Z
H = High level (steady state)
L = Low level (steady state)
X = Don’t care
Z = High impedance
 
Pad 20 = VCC
Pad 10 = GND
1900µm (74.80 mils)
0,0
1
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
DIE ID



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com