Electronic Components Datasheet Search
  English  ▼

X  

54HC373 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC373
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC373 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC373 Datasheet HTML 1Page - Silicon Supplies 54HC373 Datasheet HTML 2Page - Silicon Supplies 54HC373 Datasheet HTML 3Page - Silicon Supplies 54HC373 Datasheet HTML 4Page - Silicon Supplies 54HC373 Datasheet HTML 5Page - Silicon Supplies 54HC373 Datasheet HTML 6Page - Silicon Supplies 54HC373 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
www.siliconsupplies.com
High Speed CMOS Logic – 54HC373
Rev 1.0
10/03/21
Timing Requirements6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
25
30
40
4.5V
5.0
6.0
8.0
Minimum
Setup Time,
D to LE
(Figure 4)
tSU
6.0V
CL = 50pF,
Input tr = tf = 6ns
5.0
6.0
7.0
ns
2.0V
5.0
5.0
5.0
4.5V
5.0
5.0
5.0
Minimum
Hold Time,
LE to D
(Figure 4)
th
6.0V
CL = 50pF,
Input tr = tf = 6ns
5.0
5.0
5.0
ns
2.0V
60
75
90
4.5V
12
15
18
Minimum
Pulse Width,
LE
(Figure 4)
tw
6.0V
CL = 50pF,
Input tr = tf = 6ns
10
13
15
ns
2.0V
1000
1000
1000
4.5V
500
500
500
Maximum
Input Rise & Fall
Times
(Figure 4)
tr, tf
6.0V
CL = 50pF,
Input tr = tf = 6ns
400
400
400
ns
AC Electrical Characteristics continued5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
60
75
90
4.5V
12
15
18
Maximum Output
Transition Time,
Any Output
(Figure 1,5)
tTLH, tTHL
6.0V
CL = 50pF,
Input tr = tf = 6ns
10
13
15
pF
Maximum Input
Capacitance
CIN
-
CL = 50pF,
Input tr = tf = 6ns
10
10
10
pF
Maximum 3-State
Output Capacitance
COUT
-
CL = 50pF,
Input tr = tf = 6ns
High Z state
15
15
15
pF
TYPICAL
Power Dissipation
Capacitance
(Per latch)
7
CPD
5V
-
36
pF
7. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com