Electronic Components Datasheet Search
  English  ▼

X  

54HC393 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC393
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC393 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC393 Datasheet HTML 1Page - Silicon Supplies 54HC393 Datasheet HTML 2Page - Silicon Supplies 54HC393 Datasheet HTML 3Page - Silicon Supplies 54HC393 Datasheet HTML 4Page - Silicon Supplies 54HC393 Datasheet HTML 5Page - Silicon Supplies 54HC393 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
High Speed CMOS Logic – 54HC393
Rev 1.0
7/5/2019
 
 
LIMITS
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
SYMBOL
VCC
CONDITIONS
25°C
UNITS
85°C
FULL RANGE
4
2V
290
365
435
4.5V
58
73
87
Maximum Propagation
Delay, Clock to Q3
CL = 50pF,
Input
(Figure 1, 3)
tPLH, tPHL
ns
tr = tf = 6ns
6.0V
49
62
74
2V
165
205
250
4.5V
33
41
50
Maximum Propagation
Delay, Reset to any Q
(Figure 2, 3)
tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
ns
28
35
43
2V
75
95
110
4.5V
15
19
22
Maximum Output
Transition Time,
Any Output
(Figure 1, 3)
tTLH, tTHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
13
16
19
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance Per Gate
6
TJ = 25°C,
VCC =5.0V
CPD
-
40
pF
AC Electrical Characteristics Continued5
Timing Requirements5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
50
65
75
4.5V
10
13
15
Minimum Recovery
Time, Reset Inactive to
Clock
Input
(Figure 2)
trec
ns
tr = tf = 6ns
9
11
6.0V
13
2.0V
80
100
120
4.5V
16
20
24
Minimum Pulse Width,
Clock
(Figure 1)
tw
6.0V
Input
tr = tf = 6ns
14
17
20
ns
2.0V
125
155
190
4.5V
25
31
38
Minimum Pulse Width,
Reset
(Figure 2)
tw
6.0V
Input
tr = tf = 6ns
21
26
32
ns
2.0V
1000
1000
1000
4.5V
500
500
500
Maximum Input Rise
and Fall Times
(Figure 1)
tr, tf
Input
tr = tf = 6ns
6.0V
400
400
400
ns
5. Not production tested in die form, characterized by chip design and tested in package.
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Page 5 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com