Electronic Components Datasheet Search
  English  ▼

X  

54HC4060 Datasheet(PDF) 6 Page - Silicon Supplies

Part # 54HC4060
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC4060 Datasheet(HTML) 6 Page - Silicon Supplies

  54HC4060 Datasheet HTML 1Page - Silicon Supplies 54HC4060 Datasheet HTML 2Page - Silicon Supplies 54HC4060 Datasheet HTML 3Page - Silicon Supplies 54HC4060 Datasheet HTML 4Page - Silicon Supplies 54HC4060 Datasheet HTML 5Page - Silicon Supplies 54HC4060 Datasheet HTML 6Page - Silicon Supplies 54HC4060 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6 of 7 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics continued6
High Speed CMOS Logic – 54HC4060
Rev 1.0
26/11/17
8. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
75
95
110
3.0V
60
75
95
4.5V
15
19
24
Maximum Propagation
Delay, Qn to Qn+1
(Figure 3,4)
tPLH, tPHL
6.0V
CL = 50pF,
tr = tf = 6ns
13
16
20
ns
2.0V
75
95
110
3.0V
27
32
36
4.5V
15
19
22
Maximum Output
Transition Time,
any output
(Figure 1,4)
tTLH, tTHL
6.0V
CL = 50pF,
tr = tf = 6ns
13
16
19
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance
8
CPD
-
TA = 25°C,
VCC = 5.0V
35
pF
Timing Requirements6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
100
125
150
3.0V
75
100
120
4.5V
20
25
30
Minimum Recovery
Time, Reset Inactive to
Clock
(Figure 2)
trec
6.0V
tr = tf = 6ns
17
21
25
ns
2.0V
75
95
110
3.0V
27
32
36
4.5V
15
19
23
Minimum Pulse Width,
Clock
(Figure 1)
tw
6.0V
tr = tf = 6ns
13
16
19
ns
2.0V
75
95
110
3.0V
27
32
36
4.5V
15
19
23
Minimum Pulse Width,
Reset
(Figure 2)
tw
6.0V
tr = tf = 6ns
13
16
19
ns
2.0V
1000
1000
1000
3.0V
800
800
800
4.5V
500
500
500
Maximum Input Rise
and Fall Times
(Figure 1)
tr, tf
6.0V
tr = tf = 6ns
400
400
400
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com