Electronic Components Datasheet Search
  English  ▼

X  

RT9706 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9706
Description  80m廓, 500mA High-Side Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9706 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9706 Datasheet HTML 1Page - Richtek Technology Corporation RT9706 Datasheet HTML 2Page - Richtek Technology Corporation RT9706 Datasheet HTML 3Page - Richtek Technology Corporation RT9706 Datasheet HTML 4Page - Richtek Technology Corporation RT9706 Datasheet HTML 5Page - Richtek Technology Corporation RT9706 Datasheet HTML 6Page - Richtek Technology Corporation RT9706 Datasheet HTML 7Page - Richtek Technology Corporation RT9706 Datasheet HTML 8Page - Richtek Technology Corporation RT9706 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9706
1
DS9706-02 March 2007
www.richtek.com
Pin Configurations
80m
Ω
Ω
Ω
Ω
Ω, 500mA High-Side Power Switch with Flag
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Ordering Information
General Description
The RT9706 is a cost-effective, low voltage, single
N-Channel MOSFET high-side power switch, optimized
for self-powered and bus-powered Universal Serial Bus
(USB) applications. The RT9706 equipped with a charge
pump circuitry to drive the internal MOSFET switch; the
switch's low RDS(ON) 80m
Ω, meets USB voltage drop
requirements; and a flag output is available to indicate
fault conditions to the local USB controller.
Additional features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage
lockout (UVLO) to ensure that the device remains off
unless there is a valid input voltage present, lower
quiescent current as 25
μA making this device ideal for
portable battery operated equipment.
The RT9706 is available in SOT-23-5 package requiring
minimum board space and smallest components.
Features
Compliant to USB Specifications
Built-In (Typically 80m
Ω
Ω
Ω
Ω
Ω) N-Channel MOSFET
Output Can Be Forced Higher than Input (Off-State)
Low Supply Current :
25
μμμμμA Typical at Switch On State
0.1
μμμμμA Typical at Switch Off State
Guaranteed 500mA Continuous Load Current
Wide Input Voltage Ranges : 2V to 5.5V
Open-Drain Fault Flag Output
Hot Plug-In Application (Soft-Start)
1.7V Typical Under-Voltage Lockout (UVLO)
Current Limiting Protection
Thermal Shutdown Protection
Reverse Current Flow Blocking (no body diode)
Smallest SOT-23-5 Package Minimizes Board Space
UL Approved
−−−−−E219878
RoHS Compliant and 100% Lead (Pb)-Free
Applications
USB Bus/Self Powered Hubs
USB Peripherals
ACPI Power Distribution
PC Card Hot Swap
Notebook, Motherboard PCs
Battery-Powered Equipment
Hot-Plug Power Supplies
Battery-Charger Circuits
Note :
RichTek Pb-free and Gree products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
(TOP VIEW)
SOT-23-5
EN
GND
FLG
VIN
VOUT
2
3
5
4
1
RT9706
Package Type
B : SOT-23-5
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9706

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
More results

Similar Description - RT9706

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com