Electronic Components Datasheet Search
  English  ▼

X  

RT9711 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9711
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9711 Datasheet HTML 7Page - Richtek Technology Corporation RT9711 Datasheet HTML 8Page - Richtek Technology Corporation RT9711 Datasheet HTML 9Page - Richtek Technology Corporation RT9711 Datasheet HTML 10Page - Richtek Technology Corporation RT9711 Datasheet HTML 11Page - Richtek Technology Corporation RT9711 Datasheet HTML 12Page - Richtek Technology Corporation RT9711 Datasheet HTML 13Page - Richtek Technology Corporation RT9711 Datasheet HTML 14Page - Richtek Technology Corporation RT9711 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9711
Preliminary
11
DS9711-04 March 2007
www.richtek.com
Thermal Shutdown
Thermal shutdown is employed to protect the device from
damage if the die temperature exceeds approximately
130
°C. The power switch will auto-recover when the IC is
coolng down. The thermal hysteresis temperature is about
20
°C.
Power Dissipation
The device’ s junction temperature depends on several
factors such as the load, PCB layout, ambient temperature
and package type. The output pin of RT9711 can deliver a
current up to 1.5A, respectively over the full operating
junction temperature range. However, the maximum output
current must be derated at higher ambient temperature to
ensure the junction temperature does not exceed 125
°C.
With all possible conditions, the junction temperature must
be within the range specified under operating conditions.
Power dissipation can be calculated based on the output
current and the RDS(ON) of switch as below.
PD = RDS(ON) x (IOUT)
2
Although the devices are rated for 1.5A of output current,
but the application may limit the amount of output current
based on the total power dissipation and the ambient
temperature. The final operating junction temperature for
any set of conditions can be estimated by the following
thermal equation :
PD (MAX) = ( TJ(MAX)
− TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
The junction to ambient thermal resistance
θJA is layout
dependent. For SOT-23-5 packages, the thermal
resistance
θJA is 250°C/W on the standard JEDEC 51-3
single-layer thermal test board.
And for SOP-8 packages, the thermal resistance
θJA is
160
°C/W. The maximum power dissipation at TA = 25°C
can be calculated by following formula :
PD(MAX) = ( 125
°C − 25°C) / 250°C/W = 0.4 W for
SOT-23-5 packages
Once this current limit threshold is exceeded the device
enters constant current mode until the thermal shutdown
occurs or the fault is removed.
Universal Serial Bus (USB) & Power Distribution
The goal of USB is to enable devices from different vendors
to interoperate in an open architecture. USB features
include ease of use for the end user, a wide range of
workloads and applications, robustness, synergy with the
PC industry, and low-cost implement- ation. Benefits
include self-identifying peripherals, dynamically attachable
and reconfigurable peripherals, multiple connections
(support for concurrent operation of many devices), support
for as many as 127 physical devices, and compatibility
with PC Plug-and-Play architecture.
The Universal Serial Bus connects USB devices with a
USB host: each USB system has one USB host. USB
devices are classified either as hubs, which provide
additional attachment points to the USB, or as functions,
which provide capabilities to the system (for example, a
digital joystick). Hub devices are then classified as either
Bus-Power Hubs or Self-Powered Hubs.
PD(MAX) = ( 125
°C − 25°C) / 160°C/W = 0.625 W for
SOP-8 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9711 packages, the Figure 1 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 1. Derating Curves for RT8008 Package
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
Ambient Temperature
Single Layer PCB
(
°C)
SOP-8
SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com