Electronic Components Datasheet Search
  English  ▼

X  

54LS04 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54LS04
Description  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS04 Datasheet(HTML) 1 Page - Silicon Supplies

  54LS04_V01 Datasheet HTML 1Page - Silicon Supplies 54LS04_V01 Datasheet HTML 2Page - Silicon Supplies 54LS04_V01 Datasheet HTML 3Page - Silicon Supplies 54LS04_V01 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1080 x 990
42 x 39
µm
mils
Minimum Bond Pad Size
116 x 116
4.6 x 4.6
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Low Power Schottky Logic – 54LS04
Hex Inverter Gates Logic IC in bare die form
High speed – 19ns (Typ) propagation delay
Full Military Temperature Range.
Direct drop-in replacement for obsolete
components in long term programs.
Rev 1.0
24/11/17
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 54LS04 Hex Inverter is fabricated using a 2µm 40V
Bipolar process. The device contains six independent
inverters with standard push-pull outputs which perform the
Boolean function Y = Ᾱ in positive logic. The device is fully
characterised over the Military Temperature Range.
 
Description
Die Dimensions in µm (mils)
1080 (42)


Similar Part No. - 54LS04_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS04E NSC-54LS04E Datasheet
120Kb / 6P
Hex Inverting Gates
54LS04J NSC-54LS04J Datasheet
120Kb / 6P
Hex Inverting Gates
54LS04M NSC-54LS04M Datasheet
120Kb / 6P
Hex Inverting Gates
54LS04N NSC-54LS04N Datasheet
120Kb / 6P
Hex Inverting Gates
54LS04W NSC-54LS04W Datasheet
120Kb / 6P
Hex Inverting Gates
More results

Similar Description - 54LS04_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74LS04 SS-74LS04 Datasheet
435Kb / 4P
Low Power Schottky Logic
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
74LS138 SS-74LS138 Datasheet
520Kb / 4P
Low Power Schottky Logic
54LS04 SS-54LS04 Datasheet
331Kb / 4P
Low Power Schottky Logic
54LS86A SS-54LS86A Datasheet
409Kb / 4P
Low Power Schottky Logic
54LS138 SS-54LS138 Datasheet
350Kb / 4P
Low Power Schottky Logic
54HCT00 SS-54HCT00_V01 Datasheet
565Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
54ALS51 SS-54ALS51 Datasheet
590Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 24/11/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com