Electronic Components Datasheet Search
  English  ▼

X  

54LS04 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54LS04
Description  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS04 Datasheet(HTML) 2 Page - Silicon Supplies

  54LS04 Datasheet HTML 1Page - Silicon Supplies 54LS04 Datasheet HTML 2Page - Silicon Supplies 54LS04 Datasheet HTML 3Page - Silicon Supplies 54LS04 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
d 
Low Power Schottky Logic – 54LS04
Rev 1.0
24/11/17
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Pad Layout and Functions
Logic Diagram
 
 
 
 
 
 
 
 
 
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.073
0.268
2
1Y
0.132
0.092
3
2A
0.308
0.092
4
2Y
0.503
0.092
5
3A
0.685
0.092
6
3Y
0.854
0.092
7
GND
0.880
0.456
8
4Y
0.854
0.804
9
4A
0.685
0.804
10
Y5
0.503
0.804
11
5A
0.308
0.804
12
6Y
0.132
0.804
13
6A
0.073
0.628
14
VCC
0.094
0.450
CONNECT CHIP BACK TO GND OR FLOAT
1080µm (42.52 mils)
0,0
Truth Table
INPUTS
A
OUTPUT
Y
H
L
L
H
H = High level (steady state)
L = Low level (steady state)
 
Pad 14 = VCC
Pad 7 = GND
Y = Ᾱ  
13
14
7
8
9
10
11
12
L
S
0
4
1
6
2
3
4
5
Page 2 of 4 
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com