Electronic Components Datasheet Search
  English  ▼

X  

RT9711PS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9711PS
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711PS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9711PS Datasheet HTML 1Page - Richtek Technology Corporation RT9711PS Datasheet HTML 2Page - Richtek Technology Corporation RT9711PS Datasheet HTML 3Page - Richtek Technology Corporation RT9711PS Datasheet HTML 4Page - Richtek Technology Corporation RT9711PS Datasheet HTML 5Page - Richtek Technology Corporation RT9711PS Datasheet HTML 6Page - Richtek Technology Corporation RT9711PS Datasheet HTML 7Page - Richtek Technology Corporation RT9711PS Datasheet HTML 8Page - Richtek Technology Corporation RT9711PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9711
Preliminary
3
DS9711-04 March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage --------------------------------------------------------------------------------------------------------- 6.5V
Chip Enable Input Voltage -------------------------------------------------------------------------------------------
−0.3V to 6.5V
Flag Voltage ------------------------------------------------------------------------------------------------------------ 6.5V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance (Note 5)
SOT-23-5,
θJA ---------------------------------------------------------------------------------------------------------- 250°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 125
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 2.5V to 5.5V
Chip Enable Input Voltage ------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SOT23-5
--
80
100
Switch On Resistance
SOP-8
RDS(ON)
VIN = 5V, IOUT = 1A
--
90
110
m
Ω
ISW_ON
switch on, VOUT = Open
--
25
45
Supply Current
ISW_OFF
switch off, VOUT = Open
--
0.1
1
μA
Logic-Low Voltage VIL
VIN = 2V to 5.5V, switch on
--
--
0.8
V
EN Threshold
Logic-High Voltage VIH
VIN = 2V to 5.5V, switch off
2.0
--
--
V
EN Input Current
IEN
VEN = 0V to 5.5V
--
0.01
--
μA
Output Leakage Current
ILEAKAGE VEN = 5V, RLOAD = 0Ω
--
0.5
10
μA
Output Turn-On Rise Time
TON_RISE 10% to 90% of VOUT rising
--
400
--
μs
Current Limit
ILIM
Current Ramp (< 0.1A/ms) on VOUT
1.6
2.5
3.2
A
Short Circuit Fold-Back Current
(Hysteresis)
ISC_FB
VOUT = 0V, measured prior to
thermal shutdown
--
1.0
--
A
FLAG Output Resistance
RFLG
ISINK = 1mA
--
20
400
Ω
FLAG Off Current
IFLG_OFF VFLG = 5V
--
0.01
1
μA
(VIN = 5V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com