Electronic Components Datasheet Search
  English  ▼

X  

SM80 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # SM80
Description  2 Way Full Range Loudspeaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

SM80 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  SM80 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. SM80 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SM80
2 Way Full Range Loudspeaker
Rev. 20230331
© 2023 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
The loudspeaker shall utilize the Synergy Horn patented crossover network. The coverage pattern shall be 80°
conical. The loudspeaker shall have an operating range of 110 Hz – 22 kHz. Sensitivity of 102 dBSPL @ 1m. Out-
put of 128dBSPL/134 dBSPL Peak. Power handling shall be 400 Watts continuous 800 program.
The loudspeaker shall be constructed of 13 ply Baltic birch, water resistant Polyurea coated, properly braced
for the intended use and a rugged steel grill. The connectors shall be Neutrik NL4. The loudspeaker shall be the
Danley Sound Labs SM80.
ARCHITECT/ENGINEERS SPECS
Sensitivity
Impedance
Horizontal Polar Response
Vertical Polar Response
Horizontal Directivity Contour
Vertical Directivity Contour
KLIPPEL
60
65
70
75
80
85
90
95
100
105
110
100
1000
10000
SPL Horizontal
r = 2 m, Reference: 1 m, 2.83 V, smoothed 2/oct.
Frequency / Hz
On-Axis
10°
20°
30°
40°
50°
60°
KLIPPEL
60
65
70
75
80
85
90
95
100
105
110
100
1000
10000
SPL Vertical
r = 2 m, Reference: 1 m, 2.83 V, smoothed 2/oct.
Frequency / Hz
On-Axis
10°
20°
30°
40°
50°
60°
-150
-100
-50
0
50
100
150
100
1000
10000
Contour Plot - Horizontal
r = 1.5 m, phi = -90 °, normalized to On-Axis
KLIPPEL
Frequency / Hz
-25
-19
-13
-6
0
-150
-100
-50
0
50
100
150
100
1000
10000
Contour Plot - Vertical
r = 1.5 m, phi = 0 °, normalized to On-Axis
KLIPPEL
Frequency / Hz
-25
-19
-13
-6
0
KLIPPEL
40
50
60
70
80
90
100
110
120
130
-300
-250
-200
-150
-100
-50
0
50
100
150
20
50
100
200
500
1k
2k
5k
10k
20k
Frequency Response
r = 1.5 m, phi = -90°, theta = 0°, Reference: 1 m, 2.83 V, smoothed 3/oct., Delay removed: 3.138 ms
Frequency / Hz
- Magnitude
- Phase
KLIPPEL
0
5
10
15
20
25
30
35
40
45
50
55
60
2
5
10
20
50
100
200
500
1k
2k
5k
10k
20k
Magnitude of transfer function H(f)
H(f)= Voltage Speaker 1 / Current Speaker 1
Frequency / Hz
Magnitude



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com