Electronic Components Datasheet Search
  English  ▼

X  

TH112 Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # TH112
Description  Tapped Horn Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH112 Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  TH112 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH112 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rev. 202209231203
TH112
Tapped Horn Subwoofer
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
Performance Specifications
Operating Mode
Single channel amplified
Operating Range
33 Hz - 200 Hz -3dB
27 Hz - 260 Hz - 10dB
Coverage Pattern
Omni-directional
Transducers
1x12”
Power Handling
400 W Cont. | 1200 W Peak
Sensitivity measured as 28.3V @10m distance
100 dB
Maximum SPL (continuous |peak)
126 dB | 132 dB @38 Hz
133 dB | 139 dB @84 Hz
M Noise
Coming soon
Impedance
1x8 Ohm
Recommended Power Amplifier
1x ≈800 Watts @ 8 Ohm
Physical Specifications
Connections (TH112-T | TH112-I)
(2) Neutrik NL4 Speakon wired in Parallel
Pin 1+/- |8 Ohm Single Channel
Pin 2+/- |Pass Through
Connections (TH112-I-EW | TH112-I-AT)
1x 2 Conductor 14 Gauge Lead-in Wire
Mounting / Suspension Points
M10 -1.5
Dimensions / Weight
38 x 18 x 30.2 in. | 965 x 457 x 770 mm.
142 Lbs | 64.5 Kg
Finish
B-Black polyurea enclosure w/ matte black grille
White polyurea enclosure w/ matte white grille
Grey UV resistant painted enclosure w/ matte grey grille
Enclosure Material
18mm Baltic Birch, polyurea coated
Options
TH112-I-G-EW
Install Version, Extreme Weather
TH112-I
Install Version
TH112-T-B-K
Touring Version w/ 3 Pole Cups
TH112-T-B-KM20 Touring Version w/ 3 M20 Pole Mounts
COVER-TH112TK
Foam and Nylon Protective Cover
The TH112 is a compact subwoofer utilizing (1) x
12” long excursion LF driver in a Tapped Horn ™
alignment. The Danley Tapped Horn Subwoofer
™ is a patented design which allows us to build
physically small subs which are very efficient,
especially at the low end of their range, and are
virtually linear in their passband. The Tapped
Horn ™ design takes full advantage of the driver
element by doubling its output ability. The result
is more output from less input. Subjectively the
TH series produce very deep bass from general-
ly very small boxes.
The 13 ply Baltic Birch used throughout the
enclosure is encased in PolyUrea for protec-
tion from impact and atmospheric conditions.
Install and touring versions are both equipped
with multiple M10 rig points. Our EW (Extreme
Weather) variant offers the ultimate in pro-
tection from the elements due to the use of
high-density polyurethane panels impregnated
with fiberglass fibers in the place of standard
plywood.
Utilize our DNA amplifiers or processor for max-
imum performance and protection with industry
leading DSP capabilities.


Similar Part No. - TH112

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TH110 SCHNEIDER-TH110 Datasheet
940Kb / 21P
Installation and Operation Manual
12/2021
logo
Danley Sound Labs. All ...
TH115 DANLEY-TH115 Datasheet
788Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231208
TH115-I DANLEY-TH115-I Datasheet
788Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231208
TH115-I-EW DANLEY-TH115-I-EW Datasheet
788Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231208
TH115-T DANLEY-TH115-T Datasheet
788Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231208
More results

Similar Description - TH112

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
List of Unclassifed Man...
KSC-WA100 ETC1-KSC-WA100 Datasheet
61Kb / 1P
AKTIVER SUBWOOFER
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com