Electronic Components Datasheet Search
  English  ▼

X  

CX-2 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX-2
Description  Miniature AT-Cut Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX-2 Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX-2 Datasheet HTML 1Page - STATEK CORPORATION CX-2 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
DESCRIPTION
The CX-2 AT-cut quartz crystal is a high quality AT-cut resonator.
The CX-2 is hermetically sealed in a rugged, miniature ceramic
package, and available in several lead configurations. The CX-2
crystal
is
manufactured
using
the
STATEK-developed
photolithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for industrial,
commercial, military and medical applications.
FEATURES
Low profile hermetically sealed ceramic package
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
CX-2 CRYSTAL
9.6 MHz to 160 MHz
Miniature AT-Cut Crystal
Fundamental Mode: 9.6 MHz - 70 MHz
Third Overtone Mode: 70 MHz - 160 MHz
10140 - Rev C
Notes:
1.Terminal 1 is electrically connected
internally to terminal 3.
2.Lead dimensions
Width: .013” (.33mm) Typical
Thickness: .007” (.18mm) Typical
3.A = Glass Lid .080 (2.03) max.
Ceramic Lid .095 (2.41) max.
actual size
.260
(6.60)
.200
(5.08)
.260
(6.60)
.205
(5.21)
.050(1.27)
.260
(6.60)
.100
(2.54)
1
2
2
2
1
3
A
A
3
1
3
-04 Side Lead
-03 Side Lead
INCHES (mm)
-02 End Lead
.094
(2.39)
.210
(5.33)
.094
(2.39)
.094
(2.39)
.210
(5.33)
A
PACKAGE DIMENSIONS
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
TM


Similar Part No. - CX-2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
CX MINIATURE CRYSTALS
CX-2-021.0A EUROQUARTZ-CX-2-021.0A Datasheet
112Kb / 2P
CX MINIATURE CRYSTALS
CX-2-021.0B EUROQUARTZ-CX-2-021.0B Datasheet
112Kb / 2P
CX MINIATURE CRYSTALS
CX-2-021.0C EUROQUARTZ-CX-2-021.0C Datasheet
112Kb / 2P
CX MINIATURE CRYSTALS
CX-2-02A EUROQUARTZ-CX-2-02A Datasheet
126Kb / 2P
CX MINIATURE CRYSTALS
More results

Similar Description - CX-2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-1-03 STATEK-CX-1-03 Datasheet
75Kb / 2P
Miniature AT-Cut Quartz Crystal
logo
List of Unclassifed Man...
CS10 ETC2-CS10_1 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H ETC2-CS325H Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
HCM49 ETC-HCM49 Datasheet
855Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS204.000MABJ-UT CITIZEN-CS204.000MABJ-UT Datasheet
812Kb / 1P
AT-CUT CRYSTAL UNIT
logo
EUROQUARTZ limited
CX-1-03-AT EUROQUARTZ-CX-1-03-AT Datasheet
93Kb / 1P
Miniature AT-Cut Quartz Crystal
logo
CRYSTEK CORPORATION
CO27VS12DE-02-10.000 CRYSTEKMICROWAVE-CO27VS12DE-02-10.000 Datasheet
159Kb / 2P
AT-Cut Crystal
logo
CITIZEN ELECTRONICS CO....
CM309E CITIZEN-CM309E Datasheet
389Kb / 2P
AT-CUT CRYSTAL UNIT
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
AT-CUT CRYSTAL UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com