Electronic Components Datasheet Search
  English  ▼

X  

SP42 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP42
Description  SMD Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP42 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP42 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Inductors
Http://www.zhyuefa.com
Email:sales@zhyuefa.com
Tel:86-756-3806076
Fax:86-756-3829746
SP42 Series Dimension Diagram(unit: mm)
TYPE
A(±0.3)
B((±0.3)
H((±0.3)
D
N
I
J
SP42
4.0
4.5
2.0
1.2
4.5
2.0
1.0
SP42 Series Electrical Characteristics:
Notes:
1, the inductance tolerance: J +5%; K +10%; L +15%; M +20%, customers can choose according
to their own conditions, inductance tolerance!
2, if the standard exceeds the requirements of the above, you can also customize the product
according to customer's needs!


Similar Part No. - SP42

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4203 LITTELFUSE-SP4203 Datasheet
836Kb / 5P
SP4203 0.5 pF, 10A bidirectional discrete TVS diodes
2018 Littelfuse, Inc
SP4203-01FTG-C LITTELFUSE-SP4203-01FTG-C Datasheet
836Kb / 5P
SP4203 0.5 pF, 10A bidirectional discrete TVS diodes
2018 Littelfuse, Inc
SP4208 LITTELFUSE-SP4208 Datasheet
3Mb / 5P
The SP4208 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
SP4208-01FTG LITTELFUSE-SP4208-01FTG Datasheet
3Mb / 5P
The SP4208 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
SP4208-01FTG-C LITTELFUSE-SP4208-01FTG-C Datasheet
3Mb / 5P
The SP4208 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
More results

Similar Description - SP42

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com