Electronic Components Datasheet Search
  English  ▼

X  

RT9901 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9901
Description  4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9901 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9901 Datasheet HTML 7Page - Richtek Technology Corporation RT9901 Datasheet HTML 8Page - Richtek Technology Corporation RT9901 Datasheet HTML 9Page - Richtek Technology Corporation RT9901 Datasheet HTML 10Page - Richtek Technology Corporation RT9901 Datasheet HTML 11Page - Richtek Technology Corporation RT9901 Datasheet HTML 12Page - Richtek Technology Corporation RT9901 Datasheet HTML 13Page - Richtek Technology Corporation RT9901 Datasheet HTML 14Page - Richtek Technology Corporation RT9901 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RT9901
Preliminary
11
DS9901-12 August 2007
www.richtek.com
Time (1ms/Div)
Buck2 Load Transient Response
VDD2 = 4.5V, VDDM = 3.3V, VOUT = 1.8V
@IOUT = 100mA to 400mA
Time (1ms/Div)
Buck2 Load Transient Response
VDD2 = 3V, VDDM = 3.3V, VOUT = 1.8V
@IOUT = 100mA to 400mA
Time (1ms/Div)
Buck2 Load Transient Response
VDD2 = 2.5V, VDDM = 3.3V, VOUT = 1.8V
@IOUT = 100mA to 400mA
Time (1ms/Div)
Buck2 Load Transient Response
VDD2 = 3.8V, VDDM = 3.3V, VOUT = 1.8V
@IOUT = 100mA to 400mA
Buck2 Output Voltage vs. VDD2 Voltage
1.804
1.806
1.808
1.81
1.812
1.814
1.816
1.818
1.82
2
2.5
3
3.5
4
4.5
VDD2 Voltage (V)
VBAT = VDDM = 3.3V, IOUT = 250mA
Buck2 Output Voltage vs. VDDM Voltage
1.804
1.806
1.808
1.81
1.812
1.814
1.816
1.818
1.82
2
2.5
3
3.5
4
4.5
5
5.5
6
VDDM Voltage (V)
VDD2 = 3.3V, IOUT = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com