Electronic Components Datasheet Search
  English  ▼

X  

RT9902 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9902
Description  4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9902 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9902 Datasheet HTML 4Page - Richtek Technology Corporation RT9902 Datasheet HTML 5Page - Richtek Technology Corporation RT9902 Datasheet HTML 6Page - Richtek Technology Corporation RT9902 Datasheet HTML 7Page - Richtek Technology Corporation RT9902 Datasheet HTML 8Page - Richtek Technology Corporation RT9902 Datasheet HTML 9Page - Richtek Technology Corporation RT9902 Datasheet HTML 10Page - Richtek Technology Corporation RT9902 Datasheet HTML 11Page - Richtek Technology Corporation RT9902 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RT9902
Preliminary
8
DS9902-10 August 2007
www.richtek.com
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Oscillator
Operation Frequency Range
FOSC
RT Open
475
550
625
kHz
CH1 Maximum Duty Cycle
DMAX1
--
85
90
%
CH2 Maximum Duty Cycle
DMAX2
--
--
100
%
CH3 Maximum Duty Cycle
DMAX3
--
--
100
%
Feedback Voltage (CH1, CH2, CH3, CH4)
Feedback Voltage
VFB
CH1, CH2, CH3
0.788
0.8
0.812
V
Feedback Voltage
(Charge Pump) VCPFB
CH4
0.78
0.8
0.82
V
Feedback Voltage
︱Δ
VFB︱
CH1, CH2, CH3, CH4
3.0V < VDDM < 5.5V
--
--
12
mV
Error Amplifier
GM
--
0.2
--
ms
Compensation Source Current
--
22
--
μA
Compensation Sink Current
--
22
--
μA
Power Switch
CH1 On Resistance of MOSFET
RDS(ON)
N-MOSFET
--
300
400
mΩ
CH1 Current Limitation
VVDD1 = 3.3V
2
2.6
3
A
N-MOSFET, VVDD2 = 3.3V
--
350
450
mΩ
CH2 On Resistance of MOSFET
RDS(ON)
P-MOSFET, VVDD2 = 3.3V
--
350
450
mΩ
CH2 Current Limitation
VVDD2 = 3.3V
1.3
1.5
1.9
A
N-MOSFET, VVDD3 = 3.3V
--
350
450
mΩ
CH3 On Resistance of MOSFET
RDS(ON)
P-MOSFET, VVDD3 = 3.3V
--
350
450
mΩ
CH3 Current Limitation
VVDD3 = 3.3V
1.3
1.5
1.9
A
Linear Controller
Feedback Voltage for Linear
Controller
VLFB
0.774
0.79
0.806
V
LDO_O pin Sink Current
VLDO_O = 1V
110
150
--
μA
UVP (CH2, CH3) & Over Voltage Protection (CH2)
UVP Threshold Voltage @FB2, FB3
0.3
0.4
0.5
V
Over Voltage Protection @FB2
0.95
1
--
V
Control
ENM, EN1, EN2, EN3 Input High
Level Threshold
VVDDM = 3.3V
--
0.8
1.3
V
ENM, EN1, EN2, EN3 Input Low
Level Threshold
VVDDM = 3.3V
0.4
0.8
--
V
Thermal Protection
Thermal Shutdown
TSD
140
180
--
°C
Thermal Shutdown Hysteresis
Δ
TSD
--
10
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com