Electronic Components Datasheet Search
  English  ▼

X  

RT9903B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9903B
Description  4 Channel DC/DC Converters IC with High-Efficiency Step-Up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9903B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9903B Datasheet HTML 7Page - Richtek Technology Corporation RT9903B Datasheet HTML 8Page - Richtek Technology Corporation RT9903B Datasheet HTML 9Page - Richtek Technology Corporation RT9903B Datasheet HTML 10Page - Richtek Technology Corporation RT9903B Datasheet HTML 11Page - Richtek Technology Corporation RT9903B Datasheet HTML 12Page - Richtek Technology Corporation RT9903B Datasheet HTML 13Page - Richtek Technology Corporation RT9903B Datasheet HTML 14Page - Richtek Technology Corporation RT9903B Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9903B
Preliminary
13
DS9903B-07 August 2007
www.richtek.com
Over Voltage
The over voltage protection prevents LX2 voltage going
too high. The over-voltage is detected by the junction
leakage and the threshold value is around 22V. This
channel is not latched shut down when OVP occurs.
Step-up (Boost) DC/DC Converter (CH3)
The channel (CH3) is a step-up current-modeDC/DC PWM
converter with built-in internal power MOS and external
schottky diode. This channel is designed to light 2 to 4
WLEDSs with constant current regulation. The lightness
of WLED can be dimming-controlled by the duty of EN3
pin.
The maximum duty of the constant frequency is 96% for
this channel to prevent high input current drawn from
input.
Protection
Current Limit
The current of NMOS is sensed cycle by cycle to prevent
over current. When over current limit, then the NMOS is
off. This state is latched and then reset automatically at
next clock cycle.
Over Voltage
The over voltage protection prevents LX3 voltage going
too high. The over-voltage is detected by the junction
leakage and the threshold value is around 22V. This
channel is latched shut down when OVP occurs, and can
be reset by toggling EN3.
Step-up (Boost) DC/DC Converter (CH4)
The channel (CH4) is a step-up current-modeDC/DC PWM
converter to drive external power N-MOS and external
schottky diode.
At light load, efficiency is enhanced by pulse-skipping
mode. In this mode, the external NMOS turns on by a
constant pulse width. As loading increased, the converter
operates at constant frequency PWM mode. The
maximum duty of the constant frequency is 80% for the
boost to prevent high input current drawn from input.
Protection
Current Limit
The current of NMOS is sensed cycle by cycle to prevent
over current. The current is sensed by CS4 pin to
determine whether it reaches current limit threshold.
When CS4 voltage is higher than 0.4V, the external
NMOS is off. This state is latched and then reset
automatically at next clock cycle.
V(CS4) = 10
μA x RCS + IInductor x RDC(ON) External_MOS
Current Mode Step-up Compensation
When the step-up converter operates with continuous
inductor current, the right-half-plane zero (RHPZ) appears
in the loop-gain frequency response. To ensure the
stability, the control-loop gain should crossover at the
frequency (crossover frequency fC) much less than that
of RHPZ.
The inductor (L) and output capacitance (COUT) are
chosen first in consideration of performance, size, and
cost. The compensation resistor(RC) and capacitor(CC)
are then chosen to optimize the control-loop stability.
The useful steps are listed below to calculate loop
compensation.
Step-1
Calculate RHPZ
For continuous conduction, the RHPZ is given by
Where D is the duty cycle = 1-(VIN / VOUT), L is the inductor
value, and I
LOAD is the maximum output current. Typical
target crossover frequency is 1/6 of RHPZ.
For example, if we assume VIN = 1.8V, VOUT = 3.3V, and
IOUT = 0.5A, the RLOAD = 6.6
Ω. If we select L = 4.7uH,
then : fRHPZ = 66kHz
Step-2
Calculate CC
Choose fC = 10kHz, and then CC is calculated from the
simplified loop-gain formula.
2
OUT
RHPZ
OUT
V
(1-D)
f
=
2 L I
π
CC
OUT
FB
CCS
OUT
OUT
OUT
Loop gain =
1 + SR C
1
R
V
Gm x
x
x (1-D) x
x
SC
R
1+SR
C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com