Electronic Components Datasheet Search
  English  ▼

X  

13394 Datasheet(PDF) 1 Page - Atom Lighting

Part # 13394
Description  AT9483
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

13394 Datasheet(HTML) 1 Page - Atom Lighting

  13394 Datasheet HTML 1Page - Atom Lighting 13394 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9483
9W A60 Tri-colour LED lamp. Non dimmable. Frosted
lens
Tri-colour
Energy efficient LED lamp
Long life
No mercury content
Suitable replacement for halogen and
incandescent lamps
ORDERING INFORMATION
Order code
13394
Description
A60 9W LED LAMP E27 TRI
CCT NON-DIM FROST
Item Code
AT9483/ES/TRI
EFFICIENCIES
Total System Efficiency
100 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
9 W
Power Factor
0.6
System Max Wattage
9 W
LAMP
Beam Angle
180 °
Bulb Type
A60
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Globe Base
E27
Lamp/LED Current
87 mA
Lamp/LED voltage
90 V
COLOUR TEMPERATURE
7 Watts
Warm White (3000 K)
800 lm
Cool White (4000 K)
900 lm
DayLight (6500 K)
850 lm
COMPLIANCE
Standards
AS/NZS 62560
IEC/TR 62778
AS CISPR 15
WARRANTY
Domestic Use Warranty
1 RTB (Total 1 Year)
VIP Warranty
2 RTB (Total 2 Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 13394

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
133942 ERNI-133942 Datasheet
39Kb / 1P
MOD JACK - MJC
133943 ERNI-133943 Datasheet
46Kb / 1P
MOD JACK - MJR
133947 ERNI-133947 Datasheet
762Kb / 1P
MOD JACK - MJR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com