Electronic Components Datasheet Search
  English  ▼

X  

13432 Datasheet(PDF) 1 Page - Atom Lighting

Part # 13432
Description  AT9464
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

13432 Datasheet(HTML) 1 Page - Atom Lighting

  13432 Datasheet HTML 1Page - Atom Lighting 13432 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9464
9W Stick Tri-colour LED lamp. Dimmable. Frosted
lens.
Tri-colour
Energy efficient LED lamp
Long life
No mercury content
Suitable replacement for halogen and
incandescent lamps
Suitable for use with dimmers
ORDERING INFORMATION
Order code
13432
Description
T38 9W LED LAMP B22 TRI
CCT DIMMABLE FROST
Item Code
AT9464/BC/TRI
EFFICIENCIES
Total System Efficiency
89 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
9 W
Power Factor
0.9
System Max Wattage
9 W
LAMP
Beam Angle
220 °
Bulb Type
ST38
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Globe Base
B22 / BC
Lamp/LED Current
85 mA
Lamp/LED voltage
90 V
COLOUR TEMPERATURE
7 Watts
Warm White (3000 K)
700 lm
Cool White (4000 K)
800 lm
DayLight (6500 K)
750 lm
DRIVER
Dimmable
Yes
COMPLIANCE
Standards
AS/NZS 62560
IEC/TR 62778
AS CISPR 15
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 13432

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
1343229 COHERENT-1343229 Datasheet
1Mb / 6P
OBIS LX/LS Single Laser Remote
1343229 COHERENT-1343229 Datasheet
603Kb / 4P
OBIS LX/LS Heat Sink
1343229 COHERENT-1343229 Datasheet
2Mb / 5P
OBIS LX/LS Laser Box
logo
Heyco.
13432B HEYCO-13432B Datasheet
100Kb / 1P
Nytye® Push Rivets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com