Electronic Components Datasheet Search
  English  ▼

X  

ER101S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER101S
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER101S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER101S Datasheet HTML 1Page - Pan Jit International Inc. ER101S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-SEP.12.2003
RATING AND CHARACTERISTIC CURVES
FIG.2 MAXIMUM AVERAGE FORWARD CURRENT DERATING
LEAD TEMPERATURE, C
O
0
0
0.5
1.0
1.5
20
40
60
80
100
120
140
160
180
SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD P.C.B MOUNTED
ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS
FIG.1 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
FIG.4 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE VOLTS
FIG.3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPEITIVE SURGE CURRENT
40 60 80 100
1
2
46
8 10
20
5
20
15
10
30
25
35
0.4
0.8
1.2
1.6
2.0
0.1
1.0
10
300-400V
50-200V
600V
100
0
2 04 06 080
0.01
0.1
1.0
10
T= 7 5 C
J
O
T = 125 C
J
O
T=25 C
J
O
T=25 C
A
O
100
10
0.1
1
10
100
1
T= 25 C
f=1.0MHz
Vsig = 50mVp-p
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com