Electronic Components Datasheet Search
  English  ▼

X  

CXO Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXO
Description  Low Profile Miniature Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXO Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXO Datasheet HTML 1Page - STATEK CORPORATION CXO Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10106 Rev F
DESCRIPTION
Statek’s surface-mount CXO oscillators consist of a Statek
miniature quartz crystal and a CMOS/TTL compatible hybrid
circuit in a low-profile ceramic package with a small footprint.
In addition to the conventional solder or epoxy electrical
connection techniques, bond pads on the topside of the CXO
allow it to be connected electrically in a hybrid assembly using
wire bonds.
FEATURES
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques
CMOS and TTL compatible
Low power consumption
Optional Output Enable/Disable with Tri-State
Low EMI emission
High shock resistance
Full military testing available
Hermetically sealed ceramic package
Wire bond pads for hybrids
APPLICATIONS
Military & Aerospace
Smart munitions
Cockpit systems
Navigation
Industrial, Computer & Communications
Industrial controls
Instrumentation
Microprocessor clocks
Medical
Infusion pumps
0.070 (1.78)
0.060 (1.52)
0.135 (3.43)
0.140 (3.56)
GRID
PLACEMENT
COURTYARD
0.130 (3.30)
0.275 (6.99)
inches (mm)
CXO OSCILLATOR
300 kHz to 170 MHz
Low Profile Miniature Surface Mount
Crystal Oscillator
™
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.400
10.16
0.405
10.29
B
0.180
4.57
0.190
4.83
C (SM1)
0.051
1.30
0.055
1.40
C (SM3/SM5) 0.055
1.40
0.063
1.60
D
0.340
8.64
0.350
8.89
E
0.125
3.18
0.135
3.43
F
0.050
1.27
0.060
1.52
SUGGESTED LAND PATTERN
0330
T60M
TOP
BOTTOM
A
B
C
F
E
D
32
23
14
4
1
PACKAGE DIMENSIONS
actual size
side view
PIN CONNECTIONS
1. Enable/Disable (E or T) or not connected (N)
2. Ground
3. Output
4.
VDD
Pb


Similar Part No. - CXO

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CXO GOLLEDGE-CXO Datasheet
49Kb / 1P
SM OSCILLATOR
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292A KSS-CXO-292A Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292B KSS-CXO-292B Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
More results

Similar Description - CXO

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO3MHG STATEK-CXO3MHG Datasheet
242Kb / 2P
High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
LFXO STATEK-LFXO_10 Datasheet
136Kb / 2P
Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXO3MHG STATEK-CXO3MHG_12 Datasheet
298Kb / 2P
High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
HFXO STATEK-HFXO Datasheet
127Kb / 2P
High Precision & High Shock, Low Profile Miniature Surface Mount Crystal Oscillator
LFXO STATEK-LFXO_12 Datasheet
119Kb / 2P
Low Current Consumption Miniature Surface Mount Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com