Electronic Components Datasheet Search
  English  ▼

X  

CXOX Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXOX
Description  Ultra-Miniature Surface Mount High Frequency Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOX Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXOX Datasheet HTML 1Page - STATEK CORPORATION CXOX Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.110 (2.9)
0.031 (0.8)
0.141 (3.6)
0.039 (1.05)
0.039
(1.0)
0.051
(1.3)
inches (mm)
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10168 Rev A
®
CXOX OSCILLATOR
1 MHz to 160 MHz
Ultra-Miniature Surface Mount
High Frequency Crystal Oscillator
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.126
3.20
0.136
3.40
B
0.099
2.50
0.107
2.70
C (SM1)
0.039
1.00
0.043
1.09
C (SM3/SM5) 0.044
1.12
0.048
1.21
D
0.040
1.00
0.041
1.10
E
0.030
0.75
0.031
0.85
PIN CONNECTIONS
1. Output Enable/Disable (E) or no connection (N)
2. Ground
3. Output
4. VDD
SUGGESTED LAND PATTERN
DESCRIPTION
Statek’s ultra miniature and ultra low profile CXOX oscillator
consists of a CMOS/TTL compatible hybrid circuit and a
state-of-the-art, miniature, fundamental-mode crystal.
FEATURES
Designed for surface mount applications
CMOS and TTL compatible
Low power consumption
Full military testing available
High shock resistance
Optional Output Enable/Disable with Tri-State
Low EMI emission
Hermetically sealed ceramic package
Designed and manufactured in the USA
APPLICATIONS
Military & Aerospace
Long range missiles
Projectile electronics
Smart munitions
Communications
Navigation
GPS
Industrial, Computer & Communications
Miniature clock oscillator
Handheld instrumentation
PDA
Transponder/Animal migration
Medical
Test & diagnostic equipment
Handheld devices
Pb
C
TOP
A
B
BOTTOM
D
E
1
2
3
4
1
2
3
4
DIMENSIONS
Side View
Top View
Actual Size


Similar Part No. - CXOX

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOX STATEK-CXOX Datasheet
201Kb / 2P
Ultra-Miniature, High Stability High Shock Crystal Oscillator
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
Fast Start-up/Tight Tolerance/High Shock
logo
IQD Frequency Products ...
CXOX-3.3V IQD-CXOX-3.3V Datasheet
154Kb / 2P
Crystal Clock Oscillator Specification
CXOX-5.0V IQD-CXOX-5.0V Datasheet
154Kb / 2P
Crystal Clock Oscillator Specification
logo
RSG Electronic Componen...
CXOX1SE RSG-CXOX1SE Datasheet
140Kb / 2P
CXOX OSCILLATOR
More results

Similar Description - CXOX

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
DQXO3SM STATEK-DQXO3SM Datasheet
140Kb / 2P
Surface Mount Low Frequency Crystal Oscillator
logo
Advanced Crystal Techno...
ACT250SMX-4 ACT-ACT250SMX-4 Datasheet
164Kb / 2P
ultra miniature surface mount Crystal
8-11-2006
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT250SMX-4 ACT-ACT250SMX-4_12 Datasheet
186Kb / 3P
ultra miniature surface mount Crystal
31-5-2012
logo
STATEK CORPORATION
LFXO STATEK-LFXO_10 Datasheet
136Kb / 2P
Miniature Surface Mount Crystal Oscillator
CX11SM STATEK-CX11SM_11 Datasheet
154Kb / 2P
Ultra Miniature Surface Mount Quartz Crystal
VCXO STATEK-VCXO Datasheet
257Kb / 2P
Miniature Surface Mount Voltage-Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com