Electronic Components Datasheet Search
  English  ▼

X  

AN1816 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # AN1816
Description  USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1816 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button AN1816 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 12Page - Freescale Semiconductor, Inc AN1816 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN1816
9
HARDWARE DESIGN
The MC33790 Bus Transceiver is an analogue SmartMOS™ device,
which serves as the physical interface to the two-wire DSI bus. It uses a
combination of pulse length encoded voltage levels for transmit data to
slave nodes and current return signals for receive data at the same time.
Figure 9 MC68HC55 frame and output signals with respect to MC33790 DSIx0 signal
When the MC33790 receives data for transmission to the slave nodes
from the MC68HC55, its bus transmitter circuit converts the 0 to 5 volt
inputs from the MC68HC55’s DSIxF (frame) and DSIxS (signal) to a
voltage level on the output DSIxO which connects to BUS_IN of the first
slave node. The value output on DSIxO of the MC33790 depends on the
values of DSIxF and DSIxS as shown in Table 1 DSIxO Truth Table.
See also Figure 9 MC68HC55 frame and output signals with respect to
MC33790 DSIx0 signal.
When the MC33790 is receiving data from the slave nodes, it samples
the current responses on the rising edge of the final third of bit time. The
current response is then compared against a reference point, which
determines whether a low or high has been returned.
DSIxF (frame)
from MC68HC55
DSIxS (signal)
from MC68HC55
DSIxO
from MC33790
Idle
Idle
High
Low
DSIxF
DSIxS
DSIxR
DSIxO
0
0
Return Data
Low (1.5V)
0
1
Return Data
High (4.5V)
1
0
0
High Impedance
1
1
0
Idle
Table 1 DSIxO Truth Table
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com