Electronic Components Datasheet Search
  English  ▼

X  

MPR3373K Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # MPR3373K
Description  Single Color Semi-Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MPR3373K Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  MPR3373K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MPR3373K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electro-Optical Characteristics(MBG,MPG,MPY,MAY,MAA,MVR,BR)
Page 4
2004.10.28
Single Color Semi-Round Shape Type
3373K Series
Conditions
MBG
MPG
MPY
MAY
MAA
MVR
BR
TYP.
2.1
2.1
2.1
2.2
2.2
2.0
1.7
MAX.
2.8
2.8
2.8
2.8
2.8
2.8
2.0
Reverse Current
VR=4V
IR
MAX.
20
20
20
20
20
20
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
630
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
590
606
624
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
30
nm
43(θx)
39(θx)
37(θx)
46(θx)
43(θx)
44(θx)
40(θx)
36(θy)
31(θy)
30(θy)
35(θy)
35(θy)
35(θy)
30(θy)
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
deg.
Half Intensity
Angle
IF=20mA 2θ1/2
TYP.
(Ta=25℃)
Conditions
MPR
TYP.
2.1
MAX.
2.8
Reverse Current
VR=4V
IR
MAX.
20
μA
Peak Wavelength IF=10mA
λp
TYP.
700
nm
Dominant
Wavelength
IF=10mA
λ
d
TYP.
630
nm
Spectral Line Half
Width
IF=10mA
⊿λ
TYP.
100
nm
39(θx)
34(θy)
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
deg.
Half Intensity
Angle
IF=10mA 2θ1/2 TYP.
Electro-Optical Characteristics(MPR)
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com