Electronic Components Datasheet Search
  English  ▼

X  

74ACT11827 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ACT11827
Description  10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11827 Datasheet(HTML) 2 Page - Texas Instruments

  74ACT11827 Datasheet HTML 1Page - Texas Instruments 74ACT11827 Datasheet HTML 2Page - Texas Instruments 74ACT11827 Datasheet HTML 3Page - Texas Instruments 74ACT11827 Datasheet HTML 4Page - Texas Instruments 74ACT11827 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
54ACT11827, 74ACT11827
10-BIT BUFFERS/BUS DRIVERS
WITH 3-STATE OUTPUTS
SCAS078 – NOVEMBER 1989 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–2
logic symbol†
logic diagram (positive logic)
G2
G1
&
EN
28
27
A1
26
A2
25
A3
24
A4
Y1
1
Y2
2
Y3
3
Y4
4
15
23
A5
20
A6
19
A7
18
A8
Y5
5
Y6
10
Y7
11
Y8
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
17
A9
16
A10
Y9
13
Y10
14
G
1
G
2
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
10
11
12
13
14
Y1
28
15
27
26
25
24
23
20
19
18
17
16
5
4
3
2
1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Pin numbers shown are for the DW, JT, and NT packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
± 250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
} Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com