Electronic Components Datasheet Search
  English  ▼

X  

MPR5353K Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # MPR5353K
Description  Single Color Rectangular Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MPR5353K Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  MPR5353K Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MPR5353K Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Color and Luminous Intensity
Page 2
TYP.
I
F
MIN.
T YP.
I
F
MB G5353K
Ga P
Gre e n
558
20
0.5
1.0
20
MP G5353K
Ga P
Gre e n
567
20
1.5
3.0
20
MP Y5353K
Ga P
Ye llow Gre e n
572
20
2.0
4.0
20
MAY5353K
Ga AsP
Ye llow
590
20
1.2
2.4
20
MAA5353K
Ga AsP
Ora ng e
Ora ng e
606
20
1.2
2.4
20
MVR5353K
Ga AsP
Re d
624
20
1.2
2.4
20
B R5353K
Ga AlAs
Re d
647
20
1.5
3.0
20
MP R5353K
Ga P
Re d
630
10
0.3
0.5
10
Iv (mc d)
L uminous Intens ity
Dominant
Wavelength
λd (nm)
Su r fac e
Diffu se d
Part No.
Material
Emitted
Color
Lens
Color
Green
Ye llow
Re d
2004.10.29
Single Color Rectangular Shape Type
5353K Series
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com