Electronic Components Datasheet Search
  English  ▼

X  

SA555D Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SA555D
Description  PRECISION TIMERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555D Datasheet(HTML) 15 Page - Texas Instruments

Back Button SA555D Datasheet HTML 11Page - Texas Instruments SA555D Datasheet HTML 12Page - Texas Instruments SA555D Datasheet HTML 13Page - Texas Instruments SA555D Datasheet HTML 14Page - Texas Instruments SA555D Datasheet HTML 15Page - Texas Instruments SA555D Datasheet HTML 16Page - Texas Instruments SA555D Datasheet HTML 17Page - Texas Instruments SA555D Datasheet HTML 18Page - Texas Instruments SA555D Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
www.ti.com
Sequential Timer
S
VCC
RESET
VCC
OUT
DISCH
GND
CONT
TRIG
4
8
3
7
6
1
5
2
THRES
RC
CC
0.01
CC = 14.7 µF
RC = 100 kΩ
Output C
RESET
VCC
OUT
DISCH
GND
CONT
TRIG
4
8
3
7
6
1
5
2
THRES
RB
33 k
Ω
0.001
0.01
µF
CB = 4.7 µF
RB = 100 kΩ
Output B
Output A
RA = 100 kΩ
CA = 10 µF
µF
0.01
µF
0.001
33 k
Ω
RA
THRES
2
5
1
6
7
3
8
4
TRIG
CONT
GND
DISCH
OUT
VCC
RESET
µF
µF
CB
CA
Pin numbers shown are for the D, JG, P, PS, and PW packages.
NOTE A: S closes momentarily at t = 0.
t − Time − 1 s/div
See Figure 22
Output A
Output B
Output C
t = 0
twC = 1.1 RCCC
twC
twB = 1.1 RBCB
twA = 1.1 RACA
twA
twB
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
APPLICATION INFORMATION (continued)
Many applications, such as computers, require signals for initializing conditions during start-up. Other
applications, such as test equipment, require activation of test signals in sequence. These timing circuits can be
connected to provide such sequential control. The timers can be used in various combinations of astable or
monostable circuit connections, with or without modulation, for extremely flexible waveform control. Figure 22
shows a sequencer circuit with possible applications in many systems, and Figure 23 shows the output
waveforms.
Figure 22. Sequential Timer Circuit
Figure 23. Sequential Timer Waveforms
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com