Electronic Components Datasheet Search
  English  ▼

X  

GL2500 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GL2500
Description  IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GL2500 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GL2500 Datasheet HTML 1Page - Pan Jit International Inc. GL2500 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV.0-MAR.21.2005
PAGE . 2
CASE TEMPERATURE C
O
RATING AND CHARACTERISTIC CURVES
0.6
0.8
1.0
1.2
1.6
1.4
2.0
1.8
1000
100
10
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
5
0
60
80
100
120
140
160
25
20
15
30
25
35
60
80
100
120
140
160
180
25
10
5
20
15
30
25
35
AMBIENT TEMPERATURE, T C
A
O
5
015
10
25
20
35
30
4
6
8
10
20
40
30
50
70
80
100
AVERGE OUTPUT CURRENT,AMPERES
0.1
Fig. 1- OUTPUT CURRENT VS.CASE TEMPERATURE
Fig. 1- OUTPUT CURRENT VS.CASE TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD T =150
J
OC
RESISTIVE OR INDUCTIVE LOAD T =150
J
OC
Fig. 2- TYPICAL INSTANTANEOUS
Fig. 2- TYPICAL INSTANTANEOUS
FORWARDCHARACTERISITCS
AT T =25
J
OC
AT T =25
J
OC
Fig. 4- POWER DISSIPATION VS.AVERAGE OUTPUT
Fig. 4- POWER DISSIPATION VS.AVERAGE OUTPUT
CURRENT RESISTIVE OR INDUCTIVE LOAD
CURRENT RESISTIVE OR INDUCTIVE LOAD
TJ=150 C
O
TJ=150 C
O
Fig. 3- OUTPUT CURRENT VS.AMBIENT TEMPERATURE
Fig. 3- OUTPUT CURRENT VS.AMBIENT TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD
RESISTIVE OR INDUCTIVE LOAD
BRIDGE MOUNTED ON A 8" x 8" ALUMINUM PLATE 25"THICK
BRIDGE MOUNTED ON A 8" x 8" ALUMINUM PLATE 25"THICK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com