Electronic Components Datasheet Search
  English  ▼

X  

GPJ25B Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GPJ25B
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GPJ25B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GPJ25B Datasheet HTML 1Page - Pan Jit International Inc. GPJ25B Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-AUG.23.2005
GPJ25A~GPJ25M
RATING AND CHARACTERISTIC CURVES
TEMPERATURE, C
O
VR, R EVERSE VOLTA GE (V)
30
20
10
0
0
50
100
150
Fig.1 - F OR WA RD CURRENT DERATING CUR V E
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 4 - TY PI CAL F OR WARD
C H AR AC TER I STI C S PER ELEMEN T
Fig.3 - TYPICAL J UNCTION CAPA CITA NCE
Fig.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLES AT 60Hz
500
400
300
200
100
0
12
6
10
20
40
60
100
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TJ=25 C
Pulse Width = 300us
1% DULY Cycle
O
1
0
10
100
100
1000
TJ=25 C
f=1.0MHz
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com