Electronic Components Datasheet Search
  English  ▼

X  

CD240650 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CD240650
Description  Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD240650 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CD240650 Datasheet HTML 1Page - Powerex Power Semiconductors CD240650 Datasheet HTML 2Page - Powerex Power Semiconductors CD240650 Datasheet HTML 3Page - Powerex Power Semiconductors CD240650 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
2.106
53.5
B
1.705±0.008
43.3±0.2
C
1.437
36.5
D
1.299
33
E
0.925
23.5
F
0.866
22
G
0.551
14
H
0.354
9
J
0.315
8
K
0.276
7
L
0.236 R
R6
M
0.209
5.3
N
0.209 Dia.
Dia. 5.3
P
0.177
4.5
Q
0.138
3.5
R
M4 Metric
M4
Description:
Powerex Fast Recovery Dual
Diode Modules are designed for
use in applications requiring fast
switching. The modules are isolat-
ed for easy mounting with other
components on common
heatsinks.
Features:
Isolated Mounting
Planar Chips
Applications:
Free Wheeling
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: CN241250 is a
1200 Volt, 50 Ampere Fast
Recovery Common AnodeDiode
Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (50)
CN24
06
50
CD24
12
D-29
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery
Dual Diode Modules
50 Amperes/600-1200 Volts
CN24_ _50,
CD24_ _50, CC24_ _50
Outline Drawing
CN24_ _50, CD24_ _50, CC24_ _50
Fast Recovery Dual Diode Modules
50 Amperes/600-1200 Volts
P
Q
Q
D
F
K
E
M
J
C
A
L
G
H
H
B
J
J
(2 TYP.)
R - M4 THD
(3 TYP.)
N - DIA.
(3 TYP.)
CN—Common Anode Diode Module
CD—Common Diode Module
CC—Common Cathode Diode Module


Similar Part No. - CD240650

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD240650 POWEREX-CD240650 Datasheet
72Kb / 4P
Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
logo
American Microsemicondu...
CD240650 AMMSEMI-CD240650 Datasheet
1Mb / 3P
CN* Fast Recovery Dual Diode Modules
More results

Similar Description - CD240650

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CC2403500N POWEREX-CC2403500N Datasheet
64Kb / 2P
Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CC24500N POWEREX-CC24500N Datasheet
64Kb / 2P
Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CD240602 POWEREX-CD240602 Datasheet
72Kb / 4P
Fast Recovery Dual Diode Modules 20 Amperes/600-1200 Volts
CN2410 POWEREX-CN2410 Datasheet
72Kb / 4P
Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
CN2450 POWEREX-CN2450 Datasheet
72Kb / 4P
Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CS240610 POWEREX-CS240610 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
CS240650 POWEREX-CS240650 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
CS340602 POWEREX-CS340602 Datasheet
73Kb / 4P
Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
QRC1230R30 POWEREX-QRC1230R30 Datasheet
526Kb / 3P
Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRD1220R30 POWEREX-QRD1220R30 Datasheet
525Kb / 3P
Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com