Electronic Components Datasheet Search
  English  ▼

X  

AL9A2 Datasheet(PDF) 1 Page - DFI Inc

Part # AL9A2
Description  Intel® AtomTM Processor E3900 Series COM Express® Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL9A2 Datasheet(HTML) 1 Page - DFI Inc

  AL9A2 Datasheet HTML 1Page - DFI Inc AL9A2 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
AL9A2
Intel® AtomTM Processor E3900 Series
COM Express® Mini
Features
DDR3L
BOTTOM
TOP
DDR3L
Bottom View
Top View
85.00
Standoff
Heatsink
55.00
4.00
51.00
0.00
68.50
30.00
EEPROM
USB 2.0 8x
SATA 3.0 2x
Intel Atom® Processor
E3900 Series
Intel® I210AT
Intel® I210IT
MDI
Channel A
DDI Port 0
HD Audio
LPC Bus
WDT
I2C Bus 1, 2
Serial Port 1, 2
Fan PWM/
TACH IN
SLP/LID
USB 3.0 2x
PCIe x1 4x
8GB DDR3L
Memory Down
(ECC support)
SMBus
SMBus
8-bit GPIO
TCA6408A
eMMC
(Optional)
MMC Bus
eDP/DDI
(optional)
PTN3460
LVDS
(optional)
SPI Bus
SPI BIOS
Embedded
Controller
SDIO
PCIe x1
Wide
Temperature
-400C
850C
Atom
Intel®AtomTM
Processor E3900
Series
SATA 3.0
• Single Channel DDR3L 1600MHz Memory Down to 8GB
• 1 LVDS/eDP, 1 DDI (HDMI/DVI/DP)
Supports dual displays: DDI + LVDS/eDP
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansions: 4 PCIe x1
• Rich I/O: 1 Intel GbE, 2 USB 3.0, 8 USB 2.0
eMMC
DDR3L
onboard


Similar Part No. - AL9A2

ManufacturerPart #DatasheetDescription
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-B40-E3950 DFI-AL9A3-B40-E3950 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-B40-N3350 DFI-AL9A3-B40-N3350 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-B80-N4200 DFI-AL9A3-B80-N4200 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-T40-E3930 DFI-AL9A3-T40-E3930 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
More results

Similar Description - AL9A2

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BT551 GSR-BT551 Datasheet
849Kb / 2P
Intel® AtomTM E3800 Series
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
BT968 DFI-BT968 Datasheet
1Mb / 2P
Intel AtomTM E3800 Series COM Express Compact
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Advantech Co., Ltd.
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com