Electronic Components Datasheet Search
  English  ▼

X  

A2465 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A2465
Description  Ratio-metric Linear Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A2465 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A2465 Datasheet HTML 1Page - Master Analog Technology CO. A2465 Datasheet HTML 2Page - Master Analog Technology CO. A2465 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A2465 Specification
Ratio-metric Linear Hall Effect Sensor
060223
www.masteranalog.com
Page 1 of 3
RD-30079
Rev 0.01
A2465 is fast response time, wide output range, stable and accurate of Totem-Pole linear output of hall IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
8
V
Output Voltage, (VOUT)
8
V
Output Current, (ISINK)
5
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
606 / 230
mW
Functional Block Diagram
Voltage
Regulator
VDD
VSS
Hall
Sensor
Out
Dynamic
Offset
Cancellation
Tuned Filter
Sensitivity and
Sensitivity TC
Offset and
Offset TC
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=3V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
2.8
6.0
V
Supply Current, (IDD)
B= 0 Gauss
5.0
mA
Output Current, (IO)
VDD > 3V
1.0
1.5
mA
Null Output Voltage, (VNULL)
B= 0 Gauss, VDD = 3V
1.455
1.5
1.545
V
B= 0 Gauss, VDD = 5V
2.450
2.5
2.550
V
High Output Voltage, (VOH)
B> Max Magnetic Gauss
2.9
2.99
V
Low Output Voltage, (VOL)
B> Min Magnetic Gauss
0.01
0.1
V
Output Voltage Span, (VOS)
2.8
V
Magnetic Range Gauss
±
650
Gauss
Linearity, (LIN)
% of Span
±
1.5
%
Output Switch Frequency, (FSW)
3
kHz
Power-On Time, (TP)
100
us
Sensitivity
Standard, VDD = 3V
-
2.16
-
mV/G
Standard, VDD = 5V
-
4.00
-
mV/G
Electro-Static Discharge
HBM
4
KV
DMOS Hall
Effect Sensor
Supply Voltage
2.8 ~ 6.0V
Sensitivity
2.16 mV/G
Output
Totem-Pole
Package
SIP-3(I3)
SOT-23(S3)


Similar Part No. - A2465

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A2460 ALPHA-MICRO-A2460 Datasheet
102Kb / 2P
monolithic high voltage MOSFET and IGBT driver with independent high and low side output channels for half bridge configuration
More results

Similar Description - A2465

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7901 MPOWER-MA7901 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7902 MPOWER-MA7902 Datasheet
119Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7903 MPOWER-MA7903 Datasheet
164Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7905 MPOWER-MA7905 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.3
MA7906 MPOWER-MA7906 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7907 MPOWER-MA7907 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7908 MPOWER-MA7908 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7909 MPOWER-MA7909 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7910 MPOWER-MA7910 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7918 MPOWER-MA7918 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com