Electronic Components Datasheet Search
  English  ▼

X  

A24A2 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A24A2
Description  Ratio-metric Linear Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A24A2 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A24A2 Datasheet HTML 1Page - Master Analog Technology CO. A24A2 Datasheet HTML 2Page - Master Analog Technology CO. A24A2 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A24A2 Specification
Ratio-metric Linear Hall Effect Sensor
051123
www.masteranalog.com
Page 1 of 3
RD-30069
Rev 1.01
A24A2 is fast response time, cost competitive, stable and sensitivity adjustable of Totem-Pole linear output of hall IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
8
V
Output Voltage, (VOUT)
8
V
Output Current, (ISINK)
5
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
780 / 500
mW
Functional Block Diagram
Voltage
Regulator
VDD
VSS
Hall
Sensor
Out
Dynamic
Offset
Cancellation
Tuned Filter
Sensitivity and
Sensitivity TC
Offset and
Offset TC
GS1
GS2
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=5V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
2.8
6.0
V
Supply Current, (IDD)
B= 0 Gauss
5.0
mA
Output Current, (IO)
VDD > 3V
1.0
1.5
mA
Null Output Voltage, (VNULL)
B= 0 Gauss,
2.40
2.5
2.6
V
High Output Voltage, (VOH)
B> Max Magnetic Gauss
4.9
4.99
V
Low Output Voltage, (VOL)
B> Min Magnetic Gauss
0.01
0.1
V
Output Voltage Span, (VOS)
4.8
V
Magnetic Range Gauss, (GMAX)
±
800
Gauss
Linearity, (LIN)
% of Span
±
1.5
%
Output Switch Frequency, (FSW)
3
kHz
Output Switch Time, (TSW)
150
us
Sensitivity, (SEN)
GS1=Low、GS2=Open
2.85
3.00
3.15
mV/G
GS1=Open、GS2= Open
4.75
5.00
5.25
mV/G
GS1=Low、GS2=Low
6.65
7.00
7.35
mV/G
GS1=Open、GS2=Low
8.55
9.00
9.45
mV/G
Electro-Static Discharge
HBM
4
KV
DMOS Hall
Effect Sensor
Supply Voltage
2.8 ~ 6.0V
Sensitivity
3.0/5.0/7.0/9.0
mV/G
Output
Totem-Pole
Package
DFN2020-6(D6)
DFN1616-6(N6)


Similar Part No. - A24A2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A24A NKK-A24A Datasheet
243Kb / 7P
Process Sealed Subminiature Toggles
logo
Master Analog Technolog...
A24A1 MAT-A24A1 Datasheet
1Mb / 3P
Ratio-metric Linear Hall Effect Sensor
Rev 1.11
A24A3 MAT-A24A3 Datasheet
1Mb / 3P
Ratio-metric Linear Hall Effect Sensor
Rev 1.01
logo
Nihon Kaiheiki Industry...
A24AB NKK-A24AB Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
A24AB1 NKK-A24AB1 Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
More results

Similar Description - A24A2

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7901 MPOWER-MA7901 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7902 MPOWER-MA7902 Datasheet
119Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7903 MPOWER-MA7903 Datasheet
164Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7905 MPOWER-MA7905 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.3
MA7906 MPOWER-MA7906 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7907 MPOWER-MA7907 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7908 MPOWER-MA7908 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7909 MPOWER-MA7909 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7910 MPOWER-MA7910 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7918 MPOWER-MA7918 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com