Electronic Components Datasheet Search
  English  ▼

X  

A24A3 Datasheet(PDF) 2 Page - Master Analog Technology CO.

Part # A24A3
Description  Ratio-metric Linear Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A24A3 Datasheet(HTML) 2 Page - Master Analog Technology CO.

  A24A3 Datasheet HTML 1Page - Master Analog Technology CO. A24A3 Datasheet HTML 2Page - Master Analog Technology CO. A24A3 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A24A3 Specification
Ratio-metric Linear Hall Effect Sensor
051123
www.masteranalog.com
Page 2 of 3
RD-30070
Rev 1.01
Typical Application circuit and Magnetic Flux Density in Gauss
Out
24A3
C1
Vcc
C2
VDD
Out
VSS
GS1
GS2
SET1
SET2
Package Dimension and Sensor Location
D6 Package
NOTES:
1. Controlling dimension: mm
2. Leads must be free of flash and plating voids
3. Lead thickness after solder plating will be
0.254mm maximum
4. PINOUT:
Pin No.
Pin Name
Function
1
VDD
Power Supply
2
N.C
N.C
3
VOUT
Output
4
GS1
SET1
5
VSS
Ground
6
GS2
SET2
7
N.C
N.C
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
-720
-480
-240
0
240
480
720
Flux Density(Gauss)
4.0mV/GS
7.0mV/GS
10mV/GS
13mV/GS
C1:
100nF/10V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com