Electronic Components Datasheet Search
  English  ▼

X  

A4361 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A4361
Description  Single Phase Fan Motor Driver with Auto-restart
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A4361 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A4361 Datasheet HTML 1Page - Master Analog Technology CO. A4361 Datasheet HTML 2Page - Master Analog Technology CO. A4361 Datasheet HTML 3Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A4361
Specification
Single Phase Fan Motor Driver with Auto-restart
030923
www.masteranalog.com
Page 1 of 3
RD-30009
Rev 1.22
A4361 is an combined low consumption and well heat resistance of smart single phase all in one fan driver IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage, (VDD)
24
V
Output ”on” Current, (IO)
400(Average)
mA
900(Peak)
mA
Operating Temperature
Range, (TA)
-40 ~+125
℃
Storage Temperature
Range, (TS)
-65 ~ +150
℃
Package Power
Dissipation, (PD)
550/650/780
mW
Functional Block Diagram
REG
Amp
Thermal
shut-down
VDD
DoB
GND
Hall
Sensor
Lock shutdown
and
Automatic recovery
Do
V+
V+
V+
FG
Control
Logic
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
3.5
20.0
V
Supply Current, (IDD)
Operating
3.0
5.0
mA
Output Saturation Voltage, (VDSON)
IOUT=300mA
(Sink)
350
500
mV
(Drive)
VDD-0.5
VDD-0.35
V
Locked Protection on, (TON)
0.2
0.4
0.7
S
Locked Protection off, (TOFF)
2.4
S
Electro-Static Discharge
HBM
4
KV
Operate Point, (BOP)
I4/L6/D6
5
25
50
Gauss
Release Point, (BRP)
I4/L6/D6
-50
-25
-5
Gauss
Hysteresis, (BHYS)
I4/L6/D6
50
Gauss
ALL-IN-ONE
DC Motor
Drive IC
Supply Voltage
3.5 ~ 20V
BOP:25 Gauss
BRP:-25 Gauss
Output
Totem-Pole
Package
SIP-4(I4)
SOT-26L(L6)
DFN2x2-6(D6)


Similar Part No. - A4361

ManufacturerPart #DatasheetDescription
logo
Master Analog Technolog...
A4365 MAT-A4365 Datasheet
1Mb / 3P
Single Phase Fan Motor Driver with Soft-Switch
Rev 1.22
More results

Similar Description - A4361

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
Fan Motor Driver Single-Phase Full-Wave Driver
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
Fan Motor Driver Single-Phase Full-Wave Driver
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Unisonic Technologies
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
Single-phase FAN Motor Driver
November 2015 - Rev. 2
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
Single-Phase Fan Motor Driver
April, 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com