Electronic Components Datasheet Search
  English  ▼

X  

A9625 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # A9625
Description  High Sensitivity Differential Hall Effect Gear Tooth Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

A9625 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  A9625 Datasheet HTML 1Page - Master Analog Technology CO. A9625 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A9625
Specification
High Sensitivity Differential Hall Effect Gear Tooth Sensor
031023
www.masteranalog.com
Page 1 of 2
RD-30048
Rev 1.00
A9625 is a typical and effective on gear tooth sensor of the Hall Effect IC.
Absolute Maximum Ratings
At (TA=25℃)
Characteristics
Values
Unit
Supply Voltage (VDD)
30
V
Output Voltage, (VOUT)
30
V
Output current, (ISINK)
40
mA
Operating Temperature
Range, (TA)
-40 ~+150
℃
Storage Temperature
Range, (TS)
-65 ~ +175
℃
Package Power
Dissipation, (PD)
790
mW
Functional Block Diagram
Voltage
Regulator
Amp
VDD
Out
VSS
Hall
Sensor
ADC
Filter
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=5V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage, (VDD)
Operating
3.8
24.0
V
Supply Current, (IDD)
Operating
3.5
5.0
mA
Output Saturation Voltage, (VDSON)
IOUT=20mA
150
400
mV
Output Leakage Current, (Ioff)
VOUT = 24V
10.0
uA
Output Rise Time, (TR)
RL=1KΩ, CL =20pF
0.2
uS
Output Fall Time, (TF)
RL=1KΩ; CL =20pF
0.2
uS
Max Cut-off Frequency
-3dB
20
kHz
Electro-Static Discharge
HBM
4
KV
Difference, (BDIFF)
f=1kHz
-1000
+1000
Gauss
Operate Point, (BOP)
f=1kHz, BDIFF increasing
3
4.5
6
Gauss
Release Point, (BRP)
f=1kHz, BDIFF increasing
-3
-4.5
-6
Gauss
Hysteresis, (BHYS)
|BOP - BRP|
9
Gauss
DMOS Gear
Tooth Sensor
Supply Voltage
3.8 ~ 24V
Hysteresis
9 Gauss
Output
Open Drain
Package
SIP-4(I4)


Similar Part No. - A9625

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
A96 VCC-A96 Datasheet
262Kb / 1P
Miniature Cap Fuse Style
logo
List of Unclassifed Man...
A96020 ETC2-A96020 Datasheet
73Kb / 1P
Voice Recording Module 20??x 2 sections
logo
TOKO, Inc
A960AW-100M TOKO-A960AW-100M Datasheet
98Kb / 1P
Fixed Inductors for Surface Mounting
A960AW-150M TOKO-A960AW-150M Datasheet
98Kb / 1P
Fixed Inductors for Surface Mounting
A960AW-180M TOKO-A960AW-180M Datasheet
98Kb / 1P
Fixed Inductors for Surface Mounting
More results

Similar Description - A9625

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com