Electronic Components Datasheet Search
  English  ▼

X  

MMBD101 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD101
Description  SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD101 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD101 Datasheet HTML 1Page - Pan Jit International Inc. MMBD101 Datasheet HTML 2Page - Pan Jit International Inc. MMBD101 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0-OCT.28.2005
MMBD101
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
VOLTAGE
7.0 Volts
250 mW
FEATURES
• Low Capacitance,Minimizing Insertion Losses in VHF
Applications
• Low VF : 0.5V (Typ) at IF=10mA
• Extremely Fast Switching Speed
• Pb free product are available : 99% Sn above can meet RoHS
environment substance directive request
MECHANICALDATA
Case : SOT-23, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx weight : 0.008 gram
Marking : 101
POWER
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SE
U
L
A
VS
T
I
N
U
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
R
θJA
0
0
4
O
W
/
C
Note 1. FR-5 Board = 1.0 x 0.75 x 0.062 in
SINGLE
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SE
U
L
A
VS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
7V
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
d
r
a
w
r
o
F
P F
0
5
2W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
5
2
1
o
t
5
5
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
5
5
-
O C


Similar Part No. - MMBD101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD101 ONSEMI-MMBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Leshan Radio Company
MMBD101 LRC-MMBD101 Datasheet
52Kb / 2P
Schottky Barrier Diodes
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
DAESAN ELECTRONIC CORP.
MMBD101 DAESAN-MMBD101 Datasheet
277Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Guangdong Kexin Industr...
MMBD101 KEXIN-MMBD101 Datasheet
37Kb / 1P
Schottky Barrier Diodes
More results

Similar Description - MMBD101

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101_05 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101W PANJIT-MMBD101W Datasheet
89Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101_07 Datasheet
133Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101TS PANJIT-MMBD101TS Datasheet
110Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101WS PANJIT-MMBD101WS Datasheet
67Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W_09 Datasheet
107Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_09 Datasheet
74Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_15 Datasheet
122Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_16 Datasheet
137Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com