Electronic Components Datasheet Search
  English  ▼

X  

CD240650 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CD240650
Description  Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD240650 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CD240650 Datasheet HTML 1Page - Powerex Power Semiconductors CD240650 Datasheet HTML 2Page - Powerex Power Semiconductors CD240650 Datasheet HTML 3Page - Powerex Power Semiconductors CD240650 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D-32
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CN24_ _50, CD24_ _50, CC24_ _50
Fast Recovery Dual Diode Modules
50 Amperes/600-1200 Volts
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.2
100
0.6
1.4
1.8
2.2
2.6
101
102
103
1.0
Tj = 25
oC
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
200
400
600
800
1000
100
101
102
MAXIMUM
ALLOWABLE CASE TEMPERATURE
AVERAGE ON-STATE CURRENT, IF(AV),
(AMPERES)
050
20
100
110
120
130
140
150
DC
40
30
10
MAXIMUM
ON-STATE POWER DISSIPATION
AVERAGE ON-STATE CURRENT, IF(AV),
(AMPERES)
050
30
0
20
40
60
80
100
10
20
40
DC
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
10-3
0.2
0.4
0.6
0.8
1.0
10-2
10-1
100
100
101
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
REVERSE RECOVERY
CHARACTERISTICS
100
101
103
10-1
101
102
10-1
101
102
Qrr
trr
VR = 600V
di/dt = -100A/µs
100
102
100
Irr
Tj = 25
oC
Tj = 150
oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com