Electronic Components Datasheet Search
  English  ▼

X  

18643 Datasheet(PDF) 1 Page - Atom Lighting

Part # 18643
Description  AT9455
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18643 Datasheet(HTML) 1 Page - Atom Lighting

  18643 Datasheet HTML 1Page - Atom Lighting 18643 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9455
6W GU10 LED Lamp. Non Dimmable with Lens
Energy efficient LED lamp
Long Life
No mercury Content
Suitable replacement for halogen and
incandescent lamps
ORDERING INFORMATION
Order code
18643
Description
6W GU10 LED LAMP 60° DL
NON-DIM
Driver Type
Fixed output
Item Code
AT9455/60/DL
MECHANICAL
Adjustability
Fixed
Diffuser Material
Polycarbonate
Product Finish
Frosted
Fitting Colour
White
IP Rating
IP20
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
6 W
Power Factor
0.5
Switch Type
Inline
System Max Wattage
6 W
Working Temp Range
-20 to 40 °C
LAMP
Beam Angle
60 °
Bulb Type
GU10
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
Globe Base
GU10
Globe Included
Yes
Led Package
2835
Number of Lamps
1
LED LIFETIME
LED Lifetime
15000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
COLOUR TEMPERATURE
CCT
5700 K
CCT Colour
Daylight
Luminaire Lumens
500 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 18643

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1864300000 WEIDMULLER-1864300000 Datasheet
481Kb / 6P
SC-SMT 3.81/05/180G 1.5SN BK RL
logo
PHOENIX CONTACT
1864309 PHOENIX-1864309 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/ 4-3,5-LL
logo
Weidmuller
1864310000 WEIDMULLER-1864310000 Datasheet
482Kb / 6P
SC-SMT 3.81/06/180G 1.5SN BK RL
logo
PHOENIX CONTACT
1864312 PHOENIX-1864312 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/ 5-3,5-LL
logo
Weidmuller
1864320000 WEIDMULLER-1864320000 Datasheet
398Kb / 6P
SC-SMT 3.81/07/180G 1.5SN BK RL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com