Electronic Components Datasheet Search
  English  ▼

X  

CD241210 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD241210
Description  Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD241210 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD241210 Datasheet HTML 1Page - Powerex Power Semiconductors CD241210 Datasheet HTML 2Page - Powerex Power Semiconductors CD241210 Datasheet HTML 3Page - Powerex Power Semiconductors CD241210 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D-35
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CN24_ _10, CD24_ _10
Fast Recovery Dual Diode Modules
100 Amperes/600-1200 Volts
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
CN24_ _10/CD24_ _10
Units
Blocking State Maximums
Reverse Leakage Current, Peak
IRRM
Tj = 150°C, VRRM = Rated
20
mA
Conducting State Maximums
Peak On-State Voltage
VFM
IFM = 100A
1.5
Volts
Switching Maximums
Reverse Recovery Time
trr
IFM = 100A, Tj = 150°C
0.8
s
di/dt =-200A/ s, VR = 1/2VRM
Reverse Recovery Charge
Qrr
IFM = 100A, Tj = 150°C
30
C
di/dt =-200A/ s, VR = 1/2VRM
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
0.5
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.4
°C/Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com