Electronic Components Datasheet Search
  English  ▼

X  

BT101 Datasheet(PDF) 2 Page - DFI Inc

Part # BT101
Description  Intel® AtomTM E3800 Series Mini-ITX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BT101 Datasheet(HTML) 2 Page - DFI Inc

  BT101 Datasheet HTML 1Page - DFI Inc BT101 Datasheet HTML 2Page - DFI Inc BT101 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BT101/BT103
Specifications
I/O CONNECTORS
• 2 connectors for 4 external USB 2.0 ports
• 4 connectors for 4 external serial ports (2.0mm pitch)
- 1 RS232/422/485 (RS232 and/or power)
- 3 RS232
• 1 LVDS LCD panel connector
• 1 LCD/inverter power connector
• 1 8-bit DIO and/or power connector
• 1 front audio connector for line-out and mic-in jacks
• 1 S/PDIF connector
• 1 PS/2 connector for keyboard/mouse port
• 1 LPC connector
• 1 SMBus connector
• 1 SPI connector*
• 1 LAN LED connector
• 2 Serial ATA connectors
• 2 Serial ATA power connectors
• 1 front panel connector
• 1 chassis intrusion connector
• 2 fan connectors
BIOS
• AMI BIOS: 64Mbit SPI BIOS
ENERGY EFFICIENT DESIGN
• Supports ErP Lot6 power saving*
• Supports ACPI
• System Power Management
• Wake-On-Events include:
- Wake-On-USB/PS/2 KB/Mouse*
- Wake-On-LAN
- RTC timer to power-on the system
• AC power failure recovery
DAMAGE FREE INTELLIGENCE
• Monitors CPU/system temperature and overheat alarm
• Monitors VCORE/12V/5V/DDR voltages and failure alarm
• Monitors CPU/system fan speed and failure alarm
• Read back capability that displays temperature, voltage and fan speed
POWER CONSUMPTION
• BT101-BN-E45: 13.20W with E3845 at 1.91GHz and 2x 4GB DDR3L SODIMM
BT103-BN-E45: 13.68W with E3845 at 1.91GHz and 2x 4GB DDR3L SODIMM
OS SUPPORT
• Windows 7 Ultimate x86 & SP1 (32-bit)
• Windows 7 Ultimate x64 & SP1 (64-bit)
• Windows 8.1 Enterprise x86 (32-bit)
• Windows 8.1 Enterprise x64 (64-bit)
• Windows 8.1 Embedded Pro x86 (32-bit)
• Windows 8.1 Embedded Pro x64 (64-bit)
Note: Windows 10 will be available upon request. Please contact DFI for more information.
TEMPERATURE
• Operating
: 0oC to 60oC - Celeron (Fanless)
: -20oC to 70oC - Atom (Fanless with air flow)
: -40oC to 85oC - Atom (Fanless with air flow)
• Storage: -40oC to 85oC
HUMIDITY
• 5% to 90%
MTBF
• BT101: 210,778 hrs @ 25°C; 210,778 hrs @ 45°C ; 126,141 hrs @ 60°C
• BT103: 342,883 hrs @ 25°C; 196,927 hrs @ 45°C ; 118,814 hrs @ 60°C
- Calculation model: Telcordia Issue 2
- Environment: GB, GC – Ground Benign, Controlled
DIMENSIONS
• Mini-ITX form factor
• 170mm (6.7") x 170mm (6.7")
CERTIFICATION
• CE, FCC Class B, RoHS, UL
PROCESSOR
• Intel® AtomTM/Intel® Celeron® processors
• BGA 1170 packaging technology
• 22nm process technology
Please refer to the Ordering Information below
SYSTEM MEMORY
• Two 204-pin DDR3L SODIMM sockets (-E45/-E26/-J00)
- up to 8GB system memory
- dual channel memory interface
One 204-pin DDR3L SODIMM socket (-E25/-E15)
- up to 4GB system memory
- single channel memory interface
• Supports DDR3L 1333MHz (-E45/-J00)
Supports DDR3L 1066MHz (-E26/-E25/-E15)
• DRAM device technologies: 1Gb, 2Gb and 4Gb DDR3L DRAM
technologies are supported for x8 and x16 devices, unbuffered, non-ECC
EXPANSION SLOTS
• 1 PCIe x1 slot
• 1 Mini PCIe slot
- Supports USB, PCIe and 3G signals
- Supports mSATA
- Supports half size or full size Mini PCIe card
• 1 SIM card socket (available upon request)
ONBOARD GRAPHICS FEATURES
• Intel® HD Graphics
• Display ports: DVI-I and LVDS
• DVI-I: 24-bit, resolution up to 1920x1080 @ 60Hz
• LVDS: NXP PTN3460, 24-bit, dual channel, resolution up to 1920x1200 @ 60Hz
• Supports hardware acceleration for DirectX 11, OCL 1.2, OGL 4.0, H.264,
MPEG2, MVC, VC-1, WMV9 and VP8 (supported version dependent on OS)
ONBOARD AUDIO FEATURES
• Realtek ALC888 5.1-channel High Definition Audio
• S/PDIF audio interface
ONBOARD LAN FEATURES
• 2 Intel® I210AT PCI Express Gigabit Ethernet controllers
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
SERIAL ATA INTERFACE
• 2 SATA 2.0 ports with data transfer rate up to 3Gb/s
- SATA port 0 provides adequate space for SATA DOM
- SATA port 1 multiplexed with mSATA (Mini PCIe)
• Integrated Advanced Host Controller Interface (AHCI) controller
TRUSTED PLATFORM MODULE (TPM)*
• Provides a Trusted PC for secure transactions
• Provides software license protection, enforcement and password protection
WATCHDOG TIMER
• Watchdog timeout programmable via software from 1 to 255 seconds
REAR PANEL I/O PORTS
• 1 12V (BT101) or 19~24V (BT103) DC-in jack or 4-pin power connector*
• 1 DVI-I port
• 2 RJ45 LAN ports
• 2 USB 2.0 ports
• 1 USB 3.0 port
• Line-out jack
* Optional and is not supported in standard model. Please contact your sales representative for more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com