Electronic Components Datasheet Search
  English  ▼

X  

16554 Datasheet(PDF) 1 Page - Atom Lighting

Part # 16554
Description  AT5709
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16554 Datasheet(HTML) 1 Page - Atom Lighting

  16554 Datasheet HTML 1Page - Atom Lighting 16554 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT5709
LED Large 14W polycarbonate Bunker - Tri-colour
Upgraded IK10 rating, built tough against impacts
UV resistant polycarbonate plastic
IP65 rating, high weather resistance
Energy efficient 14W tri-colour LED
Available in black or white fitting colour
Ideal for residential, retail, and decorative
Corridor function
Double insulated design
ORDERING INFORMATION
Order code
16554
Description
14W Polycarbonate LED
Bunker IP65 with corridor
function - Black - Tri Colour
Driver Power
14 W
Driver Type
Fixed output
Item Code
AT5709/BLK/TRI/CF
EFFICIENCIES
Total System Efficiency
105 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Polycarbonate
Diffuser Material
Polycarbonate
Product Finish
Plastic
Fitting Colour
Black
IC Rating
Non-IC
IK Rating
IK10
Installation Type
Surface mount
IP Rating
IP65
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
14 W
Switch Type
Inline
LAMP
Beam Angle
120 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
COLOUR TEMPERATURE
Warm White (3000 K)
1380 lm
Cool White (4000 K)
1470 lm
DayLight (5000 K)
1420 lm
DRIVER
Dimmable
No
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Current
Driver Type
Fixed output
Wiring Type
Re-wireable terminal block
(6 pin)
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 16554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1655409 PHOENIX-1655409 Datasheet
68Kb / 3P
D-SUB combination contact insert - VS-25-ST-DSUB-4P-5S-LH
1655412 PHOENIX-1655412 Datasheet
70Kb / 3P
D-SUB combination contact insert - VS-25-BU-DSUB-3P-10S-LH
1655425 PHOENIX-1655425 Datasheet
74Kb / 4P
D-SUB combination contact insert - VS-25-ST-DSUB-3P-10S-LH
1655438 PHOENIX-1655438 Datasheet
67Kb / 3P
D-SUB contact support - VS-25-BU-DSUB-5P-LH
1655441 PHOENIX-1655441 Datasheet
69Kb / 3P
D-SUB contact support - VS-25-ST-DSUB-5P-LH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com