Electronic Components Datasheet Search
  English  ▼

X  

C741 Datasheet(PDF) 2 Page - DFI Inc

Part # C741
Description  5th/4th Gen Intel® Xeon® Scalable Family
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

C741 Datasheet(HTML) 2 Page - DFI Inc

  C741 Datasheet HTML 1Page - DFI Inc C741 Datasheet HTML 2Page - DFI Inc C741 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
10.16
0.00
227.33
312.42
177.80
154.94
181.61
227.33
312.42
320.04
COMING SOON
PCIe x16
PCIe x16
PCIe x8
MCIO x8
PCIe x16
PCIe x16
PCIe x8
PCIE G.5 x2 Re-driver
PCIE G.5 x2 Re-driver
MCIO x8
PCIe x16
SATA 3.0
PCIe x1
DDR4
USB 2.0
PCIe x1
RGMII
UART
PWM
(CPU 2x)
(SYS 3x)
MDI
MDI
GPIOs
AUDIO
PWM
USB 3.2
PCIe x1
SPI
PCIe x1
PCIe x1
NC-SI
NC-SI
MDI
MDI
MDI
MDI
DP1.1a
USB 3.2
USB 2.0
USB 2.0
SPI BUS
eSPI BUS
SMBUS
HD Audio
PCIe x16
PCIe x8
PCIe x4
PCIe x8
PCIe x8 (x4 + x4)
PCIe x16
PCIe x16
PCIe x8
PCIe x8
PCIe x8 (x4 + x4)
SATA 4x
DIO Conn.
FAN Conn. 2x
USB 3.2 Gen1 4x
(2 type A)
REAR IO
USB 3.2 Gen1 2x
(Box Header)
USB 2.0 1x
(Vertical type A)
USB 2.0 2x
BMC COM
(Pin Header)
M.2 M key 2280
SPI BIOS
TCA6416
Realtek
ALC888S
Front Audio
Line-out/Mic-in
TPM 2.0
NCT7802Y
Intel I210AT
DDR4
Intel I210AT
RTL8211F
AZRS213
eSPI Conn.
BMC
AST2600
Intel I210AT
SPI Flash
Intel I210AT
COM1 (RS232/422/485)
AZRS213
AZRS213
SENSORs Temp., Voltage
PS/2 KB/MS
FAN Conn. 5x
Super IO
IT8786E
DMI
Channel A
Channel E
Channel C
Channel G
Channel B
Channel F
Channel D
Channel H
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
5th Gen
Intel®
Xeon®
Scalable
Processors
(CPU1)
C741
5th Gen
Intel®
Xeon®
Scalable
Processors
(CPU0)
Channel A
Channel E
Channel C
Channel G
Channel B
Channel F
Channel D
Channel H
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
ECC DDR5 Up to 5600MHz
GbE 1x
GbE 1x
GbE 1x
GbE 1x
GbE 1x
DP
COM2 (RS232/422/485)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com