Electronic Components Datasheet Search
  English  ▼

X  

EDASR047 Datasheet(PDF) 1 Page - Belden Inc.

Part # EDASR047
Description  Reinforcement kit for ESN Cabinet to increase the maximum load to 1500kg
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

EDASR047 Datasheet(HTML) 1 Page - Belden Inc.

  EDASR047 Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: REINFORCEMENT ESN CABINET
Reinforcement kit for ESN Cabinet to increase the maximum load to 1500kg
Product Description
Reinforcement kit for ESN Cabinet to increase the maximum load to 1500kg. set of 4 strength member profiles, 1.5 mm cold-rolled steel.
Technical Specifications
Application
Suitable Applications:
Reinforcement kit for increasing maximum load capacity of ESN cabinet from 1200kg up to 1500kg
Environmental Space:
Indoor
Environmental and Overall Characteristics
Material:
1.5 mm cold-rolled steel.
Color:
Metallic
Standards
EU Directive 2011/65/EU (RoHS 2): Yes
MII Order #39 (China RoHS):
EUP 50
Related Part Numbers
Packaging:
Individually packed.
Variants
Item #
Height
Color
EDASR037 37U
Metallic
EDASR042 42U
Metallic
EDASR045 45U
Metallic
EDASR047 47U
Metallic
Update and Revision:
Revision Number: 0.108 Revision Date: 10-22-2024
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - EDASR047

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
EDAS03T KOA-EDAS03T Datasheet
93Kb / 2P
bidirectional esd suppressor
EDAS03TTE16V KOA-EDAS03TTE16V Datasheet
93Kb / 2P
bidirectional esd suppressor
EDAS03TTE5V0 KOA-EDAS03TTE5V0 Datasheet
93Kb / 2P
bidirectional esd suppressor
More results

Similar Description - EDASR047

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
microcomputer designed to increase program productivity
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
microcomputer designed to increase program productivity
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
logo
Nel Frequency Controls,...
B6-X144X NEL-B6-X144X Datasheet
110Kb / 3P
In the disable mode, a high impedance is presented to the load.
logo
STMicroelectronics
AN3236 STMICROELECTRONICS-AN3236 Datasheet
315Kb / 15P
Guidelines to increase the number of touch sensing touchkeys
28-May-2014
logo
Maxim Integrated Produc...
MAX77596EVKIT MAXIM-MAX77596EVKIT Datasheet
635Kb / 7P
300mA Maximum Load
Rev 1; 3/16
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
9K jumbo frames to increase data transfer rates
logo
STMicroelectronics
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
USB connector to load own waveforms onto the board
04-Nov-2016
logo
Infineon Technologies A...
IM512-L6A INFINEON-IM512-L6A Datasheet
945Kb / 20P
chance for integrating various power and control components to increase reliability
Version 2.0 2017-12-07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com