Electronic Components Datasheet Search
  English  ▼

X  

RMS-PPCU Datasheet(PDF) 1 Page - Belden Inc.

Part # RMS-PPCU
Description  ProRMS Unshielded Copper Patch Panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RMS-PPCU Datasheet(HTML) 1 Page - Belden Inc.

  RMS-PPCU Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: RMS-PPCU
ProRMS Unshielded Copper Patch Panel
Product Description
ProRMS Unshielded Copper Patch Panel , Black
Technical Specifications
Physical Characteristics (Overall)
Height:
44.5 mm
Width:
483 mm
Depth:
38 mm
Packaging:
Individually packaged in a cardboard box
Construction and Dimensions
Max Capacity:
24 port Keystone modular jack
Related Part Numbers
Related Parts:
Compatible with Cat 6A, Cat 6 and Cat 5e Keystone modular jacks, RJ45 to RJ45 copper patch cord for the control purpose
Product Notes
Included Parts:
1 Rear Cable Management Bar; 24 Cable Ties; 4 M6 cage nuts and 4 M6 screws
History
Update and Revision: Revision Number: 0.21 Revision Date: 09-08-2022
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - RMS-PPCU

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RMS-PPCS BELDEN-RMS-PPCS Datasheet
140Kb / 1P
ProRMS Shielded Copper Patch Panel
09-08-2022
More results

Similar Description - RMS-PPCU

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-PAN-16-MOD ASSMANN-A-PAN-16-MOD Datasheet
57Kb / 1P
MODULAR PATCH PANEL
A-PAN-24-MOD ASSMANN-A-PAN-24-MOD Datasheet
57Kb / 1P
MODULAR PATCH PANEL
logo
PANDUIT CORP.
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
logo
Tripp Lite. All Rights ...
N062-016-KJ TRIPPLITE-N062-016-KJ Datasheet
469Kb / 2P
16-Port 1U Rack-Mount Unshielded Blank Keystone/Multimedia Patch Panel, RJ45 Ethernet, USB, HDMI, Cat5e/6
N062-032-KJ TRIPPLITE-N062-032-KJ Datasheet
477Kb / 2P
32-Port 2U Rack-Mount Unshielded Blank Keystone/Multimedia Patch Panel, RJ45 Ethernet, USB, HDMI, Cat5e/6
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
logo
Kendall Howard
1916-3-200-01 KENDALLHOWARD-1916-3-200-01 Datasheet
71Kb / 1P
1U PATCH PANEL BRACKET
1916-3-200-02 KENDALLHOWARD-1916-3-200-02 Datasheet
924Kb / 2P
PATCH PANEL BRACKETS
1916-3-200-04 KENDALLHOWARD-1916-3-200-04 Datasheet
924Kb / 2P
PATCH PANEL BRACKETS
1916-3-200-06 KENDALLHOWARD-1916-3-200-06 Datasheet
924Kb / 2P
PATCH PANEL BRACKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com