Electronic Components Datasheet Search
  English  ▼

X  

UTG20PCUP Datasheet(PDF) 1 Page - Belden Inc.

Part # UTG20PCUP
Description  UTG 20 PATCHCORD, BONDED UTP, T568A/B, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

UTG20PCUP Datasheet(HTML) 1 Page - Belden Inc.

  UTG20PCUP Datasheet HTML 1Page - Belden Inc. UTG20PCUP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: UTG20PCUP
UTG 20 PATCHCORD, BONDED UTP, T568A/B, CMP
Product Description
UTG 20 PATCHCORD, BONDED UTP, T568A/B, CMP
Technical Specifications
Product Overview
Suitable Applications:
UTG 20, 10GBASE-T
Physical Characteristics (Overall)
Total Number of Pairs:
4
Overall Nominal Diameter:
0.255 in
Wiring Scheme:
T568A/B-T568A/B
Packaging:
Individually packaged in a clear plastic bag.
Connectors
Materials
Description
Material
Color
Boot
Elastomer
Translucent
Conductor
BC - Bare Copper
Front Connection Blades Phosphor Bronze with 50u inch Gold over Nickel Plating
Inner Jacket
PVC - Polyvinyl Chloride
Insulation
PO - Polyolefin
Outer Jacket
PVC - Polyvinyl Chloride
Electrical Characteristics
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Min Bend Radius (Overall Cable):
1.040 in
Plug /Jack Compatibility:
RJ45
Termination Interface
Connection
Durabilities
Mated Connection 750 Cycles


Similar Part No. - UTG20PCUP

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
UTG20PG SOURIAU-UTG20PG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
More results

Similar Description - UTG20PCUP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C501108010 ETC2-C501108010 Datasheet
112Kb / 3P
CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
logo
Belden Inc.
RV6FFPUBK18O-S1 BELDEN-RV6FFPUBK18O-S1 Datasheet
258Kb / 2P
REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK30O-S1 BELDEN-RV6FFPUBK30O-S1 Datasheet
258Kb / 2P
REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RV6FFPUBK36O-S1 BELDEN-RV6FFPUBK36O-S1 Datasheet
258Kb / 2P
REVConnect I/O FlexPlug, CAT6, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK18O-S1 BELDEN-RVAFFPUBK18O-S1 Datasheet
259Kb / 3P
REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
RVAFFPUBK36O-S1 BELDEN-RVAFFPUBK36O-S1 Datasheet
259Kb / 3P
REVConnect 10GX I/O FlexPlug, CAT6A, Bonded-Pair, 1/Pack, 4 Pair, 23 AWG Solid, T568A/B-T568A/B
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
1701A BELDEN-1701A Datasheet
180Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
1701LC BELDEN-1701LC Datasheet
177Kb / 3P
CAT5e Horizontal Bonded-Pair, 4pr, UTP, FEP Jkt, CMP-LC
2022 Belden, Inc
10GX33 BELDEN-10GX33 Datasheet
168Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com