Electronic Components Datasheet Search
  English  ▼

X  

CPC1777 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1777
Description  i4-PAC??DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1777 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1777 Datasheet HTML 1Page - Clare, Inc. CPC1777 Datasheet HTML 2Page - Clare, Inc. CPC1777 Datasheet HTML 3Page - Clare, Inc. CPC1777 Datasheet HTML 4Page - Clare, Inc. CPC1777 Datasheet HTML 5Page - Clare, Inc. CPC1777 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1777
R02
PERFORMANCE DATA*
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1777
Typical LED Forward Voltage Drop
(N = 50, T
A = 25ºC, I L = 1ADC, IF = 10mA)
35
30
25
20
15
10
5
0
0.32
0.34
0.36
0.40
0.38
0.42
On-Resistance (
Ω)
CP1777
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
815
820
825
830
835
840
Blocking Voltage (V
P)
CPC1777
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
7.0
8.0
9.0
6.5
7.5
8.5
Turn-On (ms)
25
20
15
10
5
0
CPC1777
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
0.06
0.09
0.11
0.04
0.08
0.10
Turn-Off (ms)
25
20
15
10
5
0
CPC1777
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
Temperature (ºC)
0
20
40
60
80
100
0
2
4
6
8
10
12
CPC1777
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
1ºC/W
5ºC/W
10ºC/W
Free Air
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
CPC1777
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
Temperature (ºC)
-40
845
840
835
830
825
820
815
810
805
-20
0
20
40
60
80
100
CPC1777
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
I
F = 10mA
CPC1777
Typical Turn-On vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 10mA
Temperature (ºC)
CPC1777
Typical Turn-Off vs. Temperature
(I
L=1ADC)
CPC1777
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F = 50mA
I
F = 20mA
I
F = 10mA
Temperature (ºC)
LED Forward Current (mA)
0
5
1015202530354045
18
16
14
12
10
8
6
4
2
1
0
50
CPC1777
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com