Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBTH10
Description  NPN HIGH FREQUENCY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBTH10 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBTH10 Datasheet HTML 1Page - Pan Jit International Inc. MMBTH10 Datasheet HTML 2Page - Pan Jit International Inc. MMBTH10 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN HIGH FREQUENCY TRANSISTOR
SPECIFICATION FEATURES
APPLICATIONS
This device is designed for VHF/UHF amplifier applications and high output
VHF oscillators.
Collector Currents up to 50mA
Low Noise VHF/UHF Amplifiers and Mixers
Low Frequency Drift, High Output Oscillators
MAXIMUM RATINGS
Rating
Symbol
Value
Units
25
3.0
50
V
V
mA
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current - Continuous (Note 1)
I C
4/18/2006
Page 1
www.panjit.com
Guaranteed Minimum Current Gain-Bandwidth Product of 650 MHz
Industry Standard SOT-23 Package
SOT-23
T = 25°C
Collector-Base Voltage
V CB0
V
30
J
THERMAL CHARACTERISTICS
CHARACTERISTIC
Symbol
Value
Units
225
-55 to 150
-55 to 150
mW
°C
°C
Power Dissipation (Note 1)
Operating Temperature Range
Storage Temperature Range
PD
TJ
Tstg
Thermal Resistance - Junction to Ambient (Note 1)
R th JA
°C/W
556
Note 1: Device mounted on FR-5 board 1.0 x 0.75 x 0.062 in. with recommended minimum pad layout
V CE0
V EB0
1
BASE
3
COLLECTOR
2
EMITTER
1
BASE
3
COLLECTOR
2
EMITTER
2
1
3
MMBTH10


Similar Part No. - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
NPN Silicon VHF/UHF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10 Datasheet
196Kb / 5P
RF TRANSISTOR
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
502Kb / 14P
NPN RF Transistor
More results

Similar Description - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
NPN (HIGH FREQUENCY TRANSISTOR)
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Rohm
MMST918 ROHM-MMST918 Datasheet
70Kb / 3P
NPN High Frequency Transistor
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
HIGH FREQUENCY TRANSISTOR NPN
logo
Seme LAB
2N3019CSM SEME-LAB-2N3019CSM_03 Datasheet
20Kb / 2P
HIGH FREQUENCY, NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4627 BILIN-2SC4627 Datasheet
171Kb / 4P
NPN High-frequency Transistor
Rev.A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com