Electronic Components Datasheet Search
  English  ▼

X  

CPC7595XC Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC7595XC
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595XC Datasheet(HTML) 5 Page - Clare, Inc.

  CPC7595XC Datasheet HTML 1Page - Clare, Inc. CPC7595XC Datasheet HTML 2Page - Clare, Inc. CPC7595XC Datasheet HTML 3Page - Clare, Inc. CPC7595XC Datasheet HTML 4Page - Clare, Inc. CPC7595XC Datasheet HTML 5Page - Clare, Inc. CPC7595XC Datasheet HTML 6Page - Clare, Inc. CPC7595XC Datasheet HTML 7Page - Clare, Inc. CPC7595XC Datasheet HTML 8Page - Clare, Inc. CPC7595XC Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CPC7595
R00B
www.clare.com
5
1.6 Switch Specifications
1.6.1 Break Switches, SW1 and SW2
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW1 (differential) = TLINE to TBAT
VSW2 (differential) = RLINE to RBAT
All-Off state.
+25° C,
VSW (differential) = -320 V to gnd
VSW (differential) = +260 V to -60 V
ISW
-
0.1
1
μA
+85° C,
VSW (differential) = -330 V to gnd
VSW (differential) = +270 V to -60 V
0.3
-40° C,
VSW (differential) = -310 V to gnd
VSW (differential) = +250 V to -60 V
0.1
On Resistance
ISW(on) = ±10 mA, ±40 mA,
RBAT and TBAT = -2 V
+25° C
RON
-
14.5
-
Ω
+85° C
20.5
28
-40° C
10.5
-
On Resistance
Matching
Per SW1 & SW2 On Resistance test
conditions.
ΔR
ON
-
0.15
0.8
Ω
DC current limit
VSW (on) = ±10 V, +25° C
ISW
-
225
-
mA
VSW (on) = ±10 V, +85° C
80
150
VSW (on) = ±10 V, -40° C
-
400
425
Dynamic current limit
(t
≤ 0.5 μs)
Break switches on, all other switches
off. Apply ±1 kV 10x1000
μs pulse with
appropriate protection in place.
ISW
-2.5
-
A
Logic input to switch
output isolation
+25° C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±320 V
ISW
-0.1
1
μA
+85° C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±330 V
-0.3
-40° C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±310 V
-0.1
dv/dt sensitivity
-
-
-
500
-
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com