Electronic Components Datasheet Search
  English  ▼

X  

2201745 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201745
Description  EH 35-C SS/ABS BK9005 - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201745 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201745 Datasheet HTML 1Page - PHOENIX CONTACT 2201745 Datasheet HTML 2Page - PHOENIX CONTACT 2201745 Datasheet HTML 3Page - PHOENIX CONTACT 2201745 Datasheet HTML 4Page - PHOENIX CONTACT 2201745 Datasheet HTML 5Page - PHOENIX CONTACT 2201745 Datasheet HTML 6Page - PHOENIX CONTACT 2201745 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Product properties
Product type
Upper housing part
Housing type
DIN rail housing
Housing series
EH
Product family
EH..ABS..
Type
Upper housing part, tall design, connection opening on one side
Ventilation openings present
no
Dimensions
Dimensional drawing
Width
35.1 mm
Height
75 mm
Depth
36.95 mm
Depth from base support surface
19.95 mm
Material specifications
Color (Housing)
black (RAL 9005)
Flammability rating according to UL 94
HB
Housing material
ABS
Surface characteristics
untreated
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
EH 35-C SS/ABS BK9005 - Upper housing part
2201745
https://www.phoenixcontact.com/us/products/2201745
Feb 14, 2025, 1:16 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com